| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2196 bảng dữ liệu(PDF) 53 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 bảng dữ liệu(HTML) 53 Page - Dallas Semiconductor |
|
53 / 157 page ![]() DS2196 53 of 157 RIR1A: RECEIVE INFORMATION REGISTER 1 FRAMER A (Address = 22 Hex) (MSB) (LSB) COFA 8ZD 16ZD – – SEFE B8ZS FBE SYMBOL POSITION NAME AND DESCRIPTION COFA RIR1A.7 Change of Frame Alignment. Set when the last resync resulted in a change of frame or multiframe alignment. 8ZD RIR1A.6 Eight Zero Detect. Set when a string of at least eight consecutive zeros (regardless of the length of the string) have been received at RPOSIA and RNEGIA. 16ZD RIR1A.5 Sixteen Zero Detect. Set when a string of at least sixteen consecutive zeros (regardless of the length of the string) have been received at RPOSIA and RNEGIA. – RIR1A.4 Not Assigned. Could be any value when read. – RIR1A.3 Not Assigned. Could be any value when read. SEFE RIR1A.2 Severely Errored Framing Event. Set when 2 out of 6 framing bits (Ft or FPS) are received in error. B8ZS RIR1A.1 B8ZS Code Word Detect. Set when a B8ZS code word is detected at RPOSIA and RNEGIA independent of whether the B8ZS mode is selected or not via CCR2.6. Useful for automatically setting the line coding. FBE RIR1A.0 Frame Bit Error. Set when a Ft (D4) or FPS (ESF) framing bit is received in error. |