| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2196 bảng dữ liệu(PDF) 90 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 bảng dữ liệu(HTML) 90 Page - Dallas Semiconductor |
|
90 / 157 page ![]() DS2196 90 of 157 Repetitive Pattern Length Configuration RPL0 is the LSB and RPL3 is the MSB of a nibble that describes the how long the repetitive pattern is. The valid range is 17 (0000) to 32 (1111). These bits are ignored if the receive BERT is programmed for a pseudorandom pattern. To create repetitive patterns less than 17 bits in length, the user must set the length to an integer number of the desired length that is less than or equal to 32. For example, to create a 6 bit pattern, the user can set the length to 18 (0001) or to 24 (0111) or to 30 (1101). Table 15-2: Repetitive Pattern Length Options Length RPL3 RPL2 RPL1 RPL0 17 Bits 0000 18 Bits 0001 19 Bits 0010 20 Bits 0011 21 Bits 0100 22 Bits 0101 23 Bits 0110 24 Bits 0111 25 Bits 1000 26 Bits 1001 27 Bits 1010 28 Bits 1011 29 Bits 1100 30 Bits 1101 31 Bits 1110 32 Bits 1111 |