| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2196 bảng dữ liệu(PDF) 46 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 bảng dữ liệu(HTML) 46 Page - Dallas Semiconductor |
|
46 / 157 page ![]() DS2196 46 of 157 CCR5A: COMMON CONTROL REGISTER 5 FRAMER A (Address = 19 Hex) (MSB) (LSB) TJC LLB LIAIS TCM4 TCM3 TCM2 TCM1 TCM0 SYMBOL POSITION NAME AND DESCRIPTION TJC CCR5A.7 Transmit Japanese CRC6 Enable. 0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation) 1 = use Japanese standard JT–G704 CRC6 calculation LLB CCR5A.6 Local Loopback. 0 = loopback disabled 1 = loopback enabled LIAIS CCR5A.5 Line Interface AIS Generation Enable. See Figure 1–1 for details. AIS generation is based on MCLK. 0 = allow normal data from TPOSIA/TNEGIA to be transmitted at TTIP and TRING 1 = force unframed all 1’s to be transmitted at TTIP and TRING TCM4 CCR5A.4 Transmit Channel Monitor Bit 4. MSB of a channel decode that determines which transmit channel data will appear in the TDS0M register. See Section 10 for details. TCM3 CCR5A.3 Transmit Channel Monitor Bit 3. TCM2 CCR5A.2 Transmit Channel Monitor Bit 2. TCM1 CCR5A.1 Transmit Channel Monitor Bit 1. TCM0 CCR5A.0 Transmit Channel Monitor Bit 0. LSB of the channel decode. |