| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2196 bảng dữ liệu(PDF) 77 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 bảng dữ liệu(HTML) 77 Page - Dallas Semiconductor |
|
77 / 157 page ![]() DS2196 77 of 157 TCD2A: TRANSMIT CODE DEFINITION REGISTER 2 FRAMER A (Address = 16 Hex) TCD2B: TRANSMIT CODE DEFINITION REGISTER 2 FRAMER B (Address = B6 Hex) Least significant byte of 16 bit codes (MSB) (LSB) C7 C6 C5 C4 C3 C2 C1 C0 SYMBOL POSITION NAME AND DESCRIPTION C7 TCD2.7 Transmit Code Definition Bit 7. A Don’t Care if a 5, 6 or 7 bit length is selected. C6 TCD2.6 Transmit Code Definition Bit 6. A Don’t Care if a 5, 6 or 7 bit length is selected. C5 TCD2.5 Transmit Code Definition Bit 5. A Don’t Care if a 5, 6 or 7 bit length is selected. C4 TCD2.4 Transmit Code Definition Bit 4. A Don’t Care if a 5, 6 or 7 bit length is selected. C3 TCD2.3 Transmit Code Definition Bit 3. A Don’t Care if a 5, 6 or 7 bit length is selected. C2 TCD2.2 Transmit Code Definition Bit 2. A Don’t Care if a 5, 6 or 7 bit length is selected. C1 TCD2.1 Transmit Code Definition Bit 1. A Don’t Care if a 5, 6 or 7 bit length is selected. C0 TCD2.0 Transmit Code Definition Bit 0. A Don’t Care if a 5, 6 or 7 bit length is selected. |