| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2196 bảng dữ liệu(PDF) 79 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196 bảng dữ liệu(HTML) 79 Page - Dallas Semiconductor |
|
79 / 157 page ![]() DS2196 79 of 157 RUPCD2A: RECEIVE UP CODE DEFINITION REGISTER 2 FRAMER A (Address = 17 Hex) RUPCD2B: RECEIVE UP CODE DEFINITION REGISTER 2 FRAMER B (Address = B7 Hex) (MSB) (LSB) C7 C6 C5 C4 C3 C2 C1 C0 SYMBOL POSITION NAME AND DESCRIPTION C7 RUPCD2.7 Receive Up Code Definition Bit 7. A Don’t Care if a 1 to 7 bit length is selected. C6 RUPCD2.6 Receive Up Code Definition Bit 6. A Don’t Care if a 1 to 7 bit length is selected. C5 RUPCD2.5 Receive Up Code Definition Bit 5. A Don’t Care if a 1 to 7 bit length is selected. C4 RUPCD2.4 Receive Up Code Definition Bit 4. A Don’t Care if a 1 to 7 bit length is selected. C3 RUPCD2.3 Receive Up Code Definition Bit 3. A Don’t Care if a 1 to 7 bit length is selected. C2 RUPCD2.2 Receive Up Code Definition Bit 2. A Don’t Care if a 1 to 7 bit length is selected. C1 RUPCD2.1 Receive Up Code Definition Bit 1. A Don’t Care if a 1 to 7 bit length is selected. C0 RUPCD2.0 Receive Up Code Definition Bit 0. A Don’t Care if a 1 to 7 bit length is selected. |