công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F877 bảng dữ liệu(PDF) 175 Page - Microchip Technology

tên linh kiện PIC16F877
Giải thích chi tiết về linh kiện  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 bảng dữ liệu(HTML) 175 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 171Page - Microchip Technology PIC16F877 Datasheet HTML 172Page - Microchip Technology PIC16F877 Datasheet HTML 173Page - Microchip Technology PIC16F877 Datasheet HTML 174Page - Microchip Technology PIC16F877 Datasheet HTML 175Page - Microchip Technology PIC16F877 Datasheet HTML 176Page - Microchip Technology PIC16F877 Datasheet HTML 177Page - Microchip Technology PIC16F877 Datasheet HTML 178Page - Microchip Technology PIC16F877 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 218 page
background image
 2001 Microchip Technology Inc.
DS30292C-page 173
PIC16F87X
FIGURE 15-19:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 15-10: USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 15-20:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 15-11: USART SYNCHRONOUS RECEIVE REQUIREMENTS
Note: Refer to Figure 15-5 for load conditions.
121
121
122
RC6/TX/CK
RC7/RX/DT
Pin
Pin
120
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
120
TckH2dtV
SYNC XMIT (MASTER &
SLAVE)
Clock high to data out valid
Standard(F)
——
80
ns
Extended(LF)
——
100
ns
121
Tckrf
Clock out rise time and fall time
(Master mode)
Standard(F)
——
45
ns
Extended(LF)
——
50
ns
122
Tdtrf
Data out rise time and fall time
Standard(F)
——
45
ns
Extended(LF)
——
50
ns
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note: Refer to Figure 15-5 for load conditions.
125
126
RC6/TX/CK
RC7/RX/DT
pin
pin
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
125
TdtV2ckL SYNC RCV (MASTER & SLAVE)
Data setup before CK
↓ (DT setup
time)
15
——
ns
126
TckL2dtl
Data hold after CK
↓ (DT hold time)
15
——
ns
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com