| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F877 bảng dữ liệu(PDF) 90 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877 bảng dữ liệu(HTML) 90 Page - Microchip Technology |
|
90 / 218 page ![]() PIC16F87X DS30292C-page 88 2001 Microchip Technology Inc. 9.2.15 CLOCK ARBITRATION Clock arbitration occurs when the master, during any receive, transmit, or Repeated START/STOP condi- tion, de-asserts the SCL pin (SCL allowed to float high). When the SCL pin is allowed to float high, the baud rate generator (BRG) is suspended from counting until the SCL pin is actually sampled high. When the SCL pin is sampled high, the baud rate generator is reloaded with the contents of SSPADD<6:0> and begins counting. This ensures that the SCL high time will always be at least one BRG rollover count in the event that the clock is held low by an external device (Figure 9-18). 9.2.16 SLEEP OPERATION While in SLEEP mode, the I2C module can receive addresses or data, and when an address match or complete byte transfer occurs, wake the processor from SLEEP (if the SSP interrupt is enabled). 9.2.17 EFFECTS OF A RESET A RESET disables the SSP module and terminates the current transfer. FIGURE 9-18: CLOCK ARBITRATION TIMING IN MASTER TRANSMIT MODE SCL SDA BRG overflow, Release SCL, If SCL = 1, Load BRG with SSPADD<6:0>, and start count BRG overflow occurs, Release SCL, Slave device holds SCL low SCL = 1, BRG starts counting clock high interval SCL line sampled once every machine cycle (TOSC • 4). Hold off BRG until SCL is sampled high. TBRG TBRG TBRG to measure high time interval |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |