| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F877 bảng dữ liệu(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877 bảng dữ liệu(HTML) 49 Page - Microchip Technology |
|
49 / 218 page ![]() 2001 Microchip Technology Inc. DS30292C-page 47 PIC16F87X 5.0 TIMER0 MODULE The Timer0 module timer/counter has the following fea- tures: • 8-bit timer/counter • Readable and writable • 8-bit software programmable prescaler • Internal or external clock select • Interrupt on overflow from FFh to 00h • Edge select for external clock Figure 5-1 is a block diagram of the Timer0 module and the prescaler shared with the WDT. Additional information on the Timer0 module is avail- able in the PICmicro™ Mid-Range MCU Family Refer- ence Manual (DS33023). Timer mode is selected by clearing bit T0CS (OPTION_REG<5>). In Timer mode, the Timer0 mod- ule will increment every instruction cycle (without pres- caler). If the TMR0 register is written, the increment is inhibited for the following two instruction cycles. The user can work around this by writing an adjusted value to the TMR0 register. Counter mode is selected by setting bit T0CS (OPTION_REG<5>). In Counter mode, Timer0 will increment either on every rising, or falling edge of pin RA4/T0CKI. The incrementing edge is determined by the Timer0 Source Edge Select bit, T0SE (OPTION_REG<4>). Clearing bit T0SE selects the ris- ing edge. Restrictions on the external clock input are discussed in detail in Section 5.2. The prescaler is mutually exclusively shared between the Timer0 module and the Watchdog Timer. The pres- caler is not readable or writable. Section 5.3 details the operation of the prescaler. 5.1 Timer0 Interrupt The TMR0 interrupt is generated when the TMR0 reg- ister overflows from FFh to 00h. This overflow sets bit T0IF (INTCON<2>). The interrupt can be masked by clearing bit T0IE (INTCON<5>). Bit T0IF must be cleared in software by the Timer0 module Interrupt Ser- vice Routine before re-enabling this interrupt. The TMR0 interrupt cannot awaken the processor from SLEEP, since the timer is shut-off during SLEEP. FIGURE 5-1: BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER RA4/T0CKI T0SE pin M U X CLKOUT (= FOSC/4) SYNC 2 Cycles TMR0 Reg 8-bit Prescaler 8 - to - 1MUX M U X M U X Watchdog Timer PSA 0 1 0 1 WDT Time-out PS2:PS0 8 Note: T0CS, T0SE, PSA, PS2:PS0 are (OPTION_REG<5:0>). PSA WDT Enable bit M U X 0 1 0 1 Data Bus Set Flag Bit T0IF on Overflow 8 PSA T0CS PRESCALER |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |