| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F877 bảng dữ liệu(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877 bảng dữ liệu(HTML) 96 Page - Microchip Technology |
|
96 / 218 page ![]() PIC16F87X DS30292C-page 94 2001 Microchip Technology Inc. 9.3 Connection Considerations for I2C Bus For standard-mode I2C bus devices, the values of resistors Rp and Rs in Figure 9-27 depend on the fol- lowing parameters: • Supply voltage • Bus capacitance • Number of connected devices (input current + leakage current) The supply voltage limits the minimum value of resistor Rp, due to the specified minimum sink current of 3 mA at VOL max = 0.4V, for the specified output stages. For example, with a supply voltage of VDD = 5V±10% and VOL max = 0.4V at 3 mA, Rp min = (5.5-0.4)/0.003 = 1.7 kΩ. VDD as a function of Rp is shown in Figure 9-27. The desired noise margin of 0.1VDD for the low level limits the maximum value of Rs. Series resistors are optional and used to improve ESD susceptibility. The bus capacitance is the total capacitance of wire, connections, and pins. This capacitance limits the max- imum value of Rp due to the specified rise time (Figure 9-27). The SMP bit is the slew rate control enabled bit. This bit is in the SSPSTAT register, and controls the slew rate of the I/O pins when in I2C mode (master or slave). FIGURE 9-27: SAMPLE DEVICE CONFIGURATION FOR I2C BUS Rp Rp VDD + 10% SDA SCL DEVICE Cb=10 - 400 pF Rs Rs Note: I2C devices with input levels related to VDD must have one common supply line to which the pull-up resistor is also connected. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |