công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F877 bảng dữ liệu(PDF) 46 Page - Microchip Technology

tên linh kiện PIC16F877
Giải thích chi tiết về linh kiện  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 bảng dữ liệu(HTML) 46 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 42Page - Microchip Technology PIC16F877 Datasheet HTML 43Page - Microchip Technology PIC16F877 Datasheet HTML 44Page - Microchip Technology PIC16F877 Datasheet HTML 45Page - Microchip Technology PIC16F877 Datasheet HTML 46Page - Microchip Technology PIC16F877 Datasheet HTML 47Page - Microchip Technology PIC16F877 Datasheet HTML 48Page - Microchip Technology PIC16F877 Datasheet HTML 49Page - Microchip Technology PIC16F877 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 218 page
background image
PIC16F87X
DS30292C-page 44
 2001 Microchip Technology Inc.
4.4
Reading the FLASH Program
Memory
Reading FLASH program memory is much like that of
EEPROM data memory, only two NOP instructions must
be inserted after the RD bit is set. These two instruction
cycles that the NOP instructions execute, will be used
by the microcontroller to read the data out of program
memory
and
insert
the
value
into
the
EEDATH:EEDATA registers. Data will be available fol-
lowing the second NOP instruction. EEDATH and
EEDATA will hold their value until another read opera-
tion is initiated, or until they are written by firmware.
The steps to reading the FLASH program memory are:
1.
Write the address to EEADRH:EEADR. Make
sure that the address is not larger than the mem-
ory size of the PIC16F87X device.
2.
Set the EEPGD bit to point to FLASH program
memory.
3.
Set the RD bit to start the read operation.
4.
Execute two NOP instructions to allow the micro-
controller to read out of program memory.
5.
Read the data from the EEDATH:EEDATA
registers.
EXAMPLE 4-3:
FLASH PROGRAM READ
4.5
Writing to the FLASH Program
Memory
Writing to FLASH program memory is unique, in that
the microcontroller does not execute instructions while
programming is taking place. The oscillator continues
to run and all peripherals continue to operate and
queue interrupts, if enabled. Once the write operation
completes (specification D133), the processor begins
executing code from where it left off. The other impor-
tant difference when writing to FLASH program mem-
ory, is that the WRT configuration bit, when clear,
prevents any writes to program memory (see Table 4-1).
Just like EEPROM data memory, there are many steps
in writing to the FLASH program memory. Both address
and data values must be written to the SFRs. The
EEPGD bit must be set, and the WREN bit must be set
to enable writes. The WREN bit should be kept clear at
all times, except when writing to the FLASH Program
memory. The WR bit can only be set if the WREN bit
was set in a previous operation, i.e., they both cannot
be set in the same operation. The WREN bit should
then be cleared by firmware after the write. Clearing the
WREN bit before the write actually completes will not
terminate the write in progress.
Writes to program memory must also be prefaced with
a special sequence of instructions that prevent inad-
vertent write operations. This is a sequence of five
instructions that must be executed without interruption
for each byte written. These instructions must then be
followed by two NOP instructions to allow the microcon-
troller to setup for the write operation. Once the write is
complete, the execution of instructions starts with the
instruction after the second NOP.
The steps to write to program memory are:
1.
Write the address to EEADRH:EEADR. Make
sure that the address is not larger than the mem-
ory size of the PIC16F87X device.
2.
Write the 14-bit data value to be programmed in
the EEDATH:EEDATA registers.
3.
Set the EEPGD bit to point to FLASH program
memory.
4.
Set the WREN bit to enable program operations.
5.
Disable interrupts (if enabled).
6.
Execute the special five instruction sequence:
• Write 55h to EECON2 in two steps (first to W,
then to EECON2)
• Write AAh to EECON2 in two steps (first to W,
then to EECON2)
• Set the WR bit
7.
Execute two NOP instructions to allow the micro-
controller to setup for write operation.
8.
Enable interrupts (if using interrupts).
9.
Clear the WREN bit to disable program
operations.
BSF
STATUS, RP1
;
BCF
STATUS, RP0
;Bank 2
MOVF
ADDRL, W
;Write the
MOVWF
EEADR
;address bytes
MOVF
ADDRH,W
;for the desired
MOVWF
EEADRH
;address to read
BSF
STATUS, RP0
;Bank 3
BSF
EECON1, EEPGD ;Point to Program memory
BSF
EECON1, RD
;Start read operation
NOP
;Required two NOPs
NOP
;
BCF
STATUS, RP0
;Bank 2
MOVF
EEDATA, W
;DATAL = EEDATA
MOVWF
DATAL
;
MOVF
EEDATH,W
;DATAH = EEDATH
MOVWF
DATAH
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com