công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F877 bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện PIC16F877
Giải thích chi tiết về linh kiện  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 14Page - Microchip Technology PIC16F877 Datasheet HTML 15Page - Microchip Technology PIC16F877 Datasheet HTML 16Page - Microchip Technology PIC16F877 Datasheet HTML 17Page - Microchip Technology PIC16F877 Datasheet HTML 18Page - Microchip Technology PIC16F877 Datasheet HTML 19Page - Microchip Technology PIC16F877 Datasheet HTML 20Page - Microchip Technology PIC16F877 Datasheet HTML 21Page - Microchip Technology PIC16F877 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 218 page
background image
PIC16F87X
DS30292C-page 16
 2001 Microchip Technology Inc.
Bank 1
80h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
27
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
19
82h(3)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
26
83h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
18
84h(3)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
27
85h
TRISA
—
—
PORTA Data Direction Register
--11 1111
29
86h
TRISB
PORTB Data Direction Register
1111 1111
31
87h
TRISC
PORTC Data Direction Register
1111 1111
33
88h(4)
TRISD
PORTD Data Direction Register
1111 1111
35
89h(4)
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction Bits
0000 -111
37
8Ah(1,3)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
26
8Bh(3)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
20
8Ch
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
21
8Dh
PIE2
—
(5)
—
EEIE
BCLIE
—
—
CCP2IE
-r-0 0--0
23
8Eh
PCON
—
—
—
—
—
—
POR
BOR
---- --qq
25
8Fh
—
Unimplemented
—
—
90h
—
Unimplemented
—
—
91h
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
68
92h
PR2
Timer2 Period Register
1111 1111
55
93h
SSPADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000
73, 74
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
66
95h
—
Unimplemented
—
—
96h
—
Unimplemented
—
—
97h
—
Unimplemented
—
—
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
95
99h
SPBRG
Baud Rate Generator Register
0000 0000
97
9Ah
—
Unimplemented
—
—
9Bh
—
Unimplemented
—
—
9Ch
—
Unimplemented
—
—
9Dh
—
Unimplemented
—
—
9Eh
ADRESL
A/D Result Register Low Byte
xxxx xxxx
116
9Fh
ADCON1
ADFM
—
—
—
PCFG3
PCFG2
PCFG1
PCFG0
0--- 0000
112
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Details
on
page:
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0', r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose
contents are transferred to the upper byte of the program counter.
2: Bits PSPIE and PSPIF are reserved on PIC16F873/876 devices; always maintain these bits clear.
3: These registers can be addressed from any bank.
4: PORTD, PORTE, TRISD, and TRISE are not physically implemented on PIC16F873/876 devices; read as ‘0’.
5: PIR2<6> and PIE2<6> are reserved on these devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com