công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F877 bảng dữ liệu(PDF) 174 Page - Microchip Technology

tên linh kiện PIC16F877
Giải thích chi tiết về linh kiện  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 bảng dữ liệu(HTML) 174 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 170Page - Microchip Technology PIC16F877 Datasheet HTML 171Page - Microchip Technology PIC16F877 Datasheet HTML 172Page - Microchip Technology PIC16F877 Datasheet HTML 173Page - Microchip Technology PIC16F877 Datasheet HTML 174Page - Microchip Technology PIC16F877 Datasheet HTML 175Page - Microchip Technology PIC16F877 Datasheet HTML 176Page - Microchip Technology PIC16F877 Datasheet HTML 177Page - Microchip Technology PIC16F877 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 218 page
background image
PIC16F87X
DS30292C-page 172
 2001 Microchip Technology Inc.
TABLE 15-9:
I2C BUS DATA REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Max
Units
Conditions
100
Thigh
Clock high time
100 kHz mode
4.0
—
µs
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
0.6
—
µs
Device must operate at a
minimum of 10 MHz
SSP Module
0.5TCY
—
101
Tlow
Clock low time
100 kHz mode
4.7
—
µs
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
1.3
—
µs
Device must operate at a
minimum of 10 MHz
SSP Module
0.5TCY
—
102
Tr
SDA and SCL rise
time
100 kHz mode
—
1000
ns
400 kHz mode
20 + 0.1Cb
300
ns
Cb is specified to be from
10 to 400 pF
103
Tf
SDA and SCL fall time 100 kHz mode
—
300
ns
400 kHz mode
20 + 0.1Cb
300
ns
Cb is specified to be from
10 to 400 pF
90
Tsu:sta
START condition
setup time
100 kHz mode
4.7
—
µs
Only relevant for Repeated
START condition
400 kHz mode
0.6
—
µs
91
Thd:sta
START condition hold
time
100 kHz mode
4.0
—
µs
After this period, the first clock
pulse is generated
400 kHz mode
0.6
—
µs
106
Thd:dat
Data input hold time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9
µs
107
Tsu:dat
Data input setup time
100 kHz mode
250
—
ns
(Note 2)
400 kHz mode
100
—
ns
92
Tsu:sto
STOP condition setup
time
100 kHz mode
4.7
—
µs
400 kHz mode
0.6
—
µs
109
Taa
Output valid from
clock
100 kHz mode
—
3500
ns
(Note 1)
400 kHz mode
——
ns
110
Tbuf
Bus free time
100 kHz mode
4.7
—
µs
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3
—
µs
Cb
Bus capacitive loading
—
400
pF
Note 1: As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region (min. 300 ns) of
the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2: A fast mode (400 kHz) I2C bus device can be used in a standard mode (100 kHz) I2C bus system, but the requirement that
Tsu:dat
≥ 250 ns must then be met. This will automatically be the case if the device does not stretch the LOW period of the
SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line
TR max.+ Tsu:dat = 1000 + 250 = 1250 ns (according to the standard mode I2C bus specification) before the SCL line is
released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com