công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9250 bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện LAN9250
Giải thích chi tiết về linh kiện  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 8Page - Microchip Technology LAN9250 Datasheet HTML 9Page - Microchip Technology LAN9250 Datasheet HTML 10Page - Microchip Technology LAN9250 Datasheet HTML 11Page - Microchip Technology LAN9250 Datasheet HTML 12Page - Microchip Technology LAN9250 Datasheet HTML 13Page - Microchip Technology LAN9250 Datasheet HTML 14Page - Microchip Technology LAN9250 Datasheet HTML 15Page - Microchip Technology LAN9250 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 421 page
background image
LAN9250
DS00001913A-page 12
 2015 Microchip Technology Inc.
33
A0/D15
AD15
-
34
FIFOSEL
-
35
D3
AD3
SIO3
36
D6
AD6
-
37
VDDIO
38
VDDCR
39
D7
AD7
-
40
D8
AD8
-
41
TESTMODE
42
EESDA/TMS
43
EESCL/TCK
44
IRQ
45
LED2/GPIO2/E2PSIZE
46
LED1/GPIO1/TDI/MNGT1
47
VDDIO
48
LED0/GPIO0/TDO/MNGT0
49
D4
AD4
-
50
D5
AD5
SCS#
51
VDD33TXRX1
52
TXNA
53
TXPA
54
RXNA
55
RXPA
56
VDD12TX1
57
RBIAS
58
VDD33BIAS
59
VDD12TX2
60
RESERVED
61
RESERVED
62
RESERVED
63
RESERVED
64
VDD33TXRX2
Exposed
Pad
VSS
TABLE 3-1:
64-QFN PACKAGE PIN ASSIGNMENTS (CONTINUED)
Pin
Number
HBI Indexed Mode
Pin Name
HBI Multiplexed Mode
Pin Name
SPI Mode
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More