| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COM20022ITQFP bảng dữ liệu(PDF) 23 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
COM20022ITQFP bảng dữ liệu(HTML) 23 Page - SMSC Corporation |
|
23 / 83 page ![]() 10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM Datasheet SMSC COM20022I Page 23 Rev. 08-18-03 DATASHEET Figure 5.4 - Programmable Burst Mode DMA Transfer (Rough Timing) The timing of the Non-Burst mode DMA data transfer is found in the Timing Diagrams section of this data sheet. The basic sequence of operation is as follows: nDACK becomes active (low) upon DREQ becoming active (high) and catching the host bus (AEN=1). DREQ becomes inactive after nDACK and read/write signal become active. DREQ becomes active after nDACK or read/write signal becomes inactive. DREQ becomes inactive after TC and the read/write signal assert (when nDACK=0). In this case, DREQ doesn't become active again after nDACK becomes inactive. nDACK becomes inactive after DREQ=0 and the present cycle finishes. Gate Time DREQ (Active-High) nDACK (Active-Low) Transfer term (Counting Read/Write pulse or counting internal timer) Restart Transfer |