| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COM20022ITQFP bảng dữ liệu(PDF) 16 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
COM20022ITQFP bảng dữ liệu(HTML) 16 Page - SMSC Corporation |
|
16 / 83 page ![]() 10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM Datasheet Rev. 08-18-03 Page 16 SMSC COM20022I DATASHEET 4.6.4 Acknowledgements An Acknowledgement is used to acknowledge reception of a packet or as an affirmative response to FREE BUFFER ENQUIRIES and is sent by the following sequence: An ALERT BURST An ACK (ACKnowledgement--ASCII code 86H) character ALERT BURST ACK 4.6.5 Negative Acknowledgements A Negative Acknowledgement is used as a negative response to FREE BUFFER ENQUIRIES and is sent by the following sequence: An ALERT BURST A NAK (Negative Acknowledgement--ASCII code 15H) character ALERT BURST NAK |