công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

COM20022ITQFP bảng dữ liệu(PDF) 15 Page - SMSC Corporation

tên linh kiện COM20022ITQFP
Giải thích chi tiết về linh kiện  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP bảng dữ liệu(HTML) 15 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 11Page - SMSC Corporation COM20022ITQFP Datasheet HTML 12Page - SMSC Corporation COM20022ITQFP Datasheet HTML 13Page - SMSC Corporation COM20022ITQFP Datasheet HTML 14Page - SMSC Corporation COM20022ITQFP Datasheet HTML 15Page - SMSC Corporation COM20022ITQFP Datasheet HTML 16Page - SMSC Corporation COM20022ITQFP Datasheet HTML 17Page - SMSC Corporation COM20022ITQFP Datasheet HTML 18Page - SMSC Corporation COM20022ITQFP Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 15
Rev. 08-18-03
DATASHEET
4.6
Line Protocol
The ARCNET line protocol is considered isochronous because each byte is preceded by a start interval
and ended with a stop interval. Unlike asynchronous protocols, there is a constant amount of time
separating each data byte. On a 10 Mbps network, each byte takes exactly 11 clock intervals of 100ns
each. As a result, one byte is transmitted every 1.1
µS and the time to transmit a message can be
precisely determined. The line idles in a spacing (logic "0") condition. A logic "0" is defined as no line
activity and a logic "1" is defined as a negative pulse of 50nS duration. A transmission starts with an
ALERT BURST consisting of 6 unit intervals of mark (logic "1"). Eight bit data characters are then sent,
with each character preceded by 2 unit intervals of mark and one unit interval of space. Five types of
transmission can be performed as described below:
4.6.1
Invitations To Transmit
An Invitation To Transmit is used to pass the token from one node to another and is sent by the following
sequence:
An ALERT BURST
An EOT (End Of Transmission: ASCII code 04H)
Two (repeated) DID (Destination ID) characters
ALERT
BURST
EOT
DID
DID
4.6.2
Free Buffer Enquiries
A Free Buffer Enquiry is used to ask another node if it is able to accept a packet of data. It is sent by the
following sequence:
An ALERT BURST
An ENQ (ENQuiry: ASCII code 85H)
Two (repeated) DID (Destination ID) characters
ALERT
BURST
ENQ
DID
DID
4.6.3
Data Packets
A Data Packet consists of the actual data being sent to another node. It is sent by the following sequence:
An ALERT BURST
An SOH (Start Of Header--ASCII code 01H)
An SID (Source ID) character
Two (repeated) DID (Destination ID) characters
A single COUNT character which is the 2's complement of the number of data bytes to follow if a short
packet is sent, or 00H followed by a COUNT character if a long packet is sent.
N data bytes where COUNT = 256-N (or 512-N for a long packet)
Two CRC (Cyclic Redundancy Check) characters. The CRC polynomial used is: X
16 + X15 + X2 + 1.
ALERT
BURST
SOH
SID
DID
DID
COUNT
data
data
CRC
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com