công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC87591S-VPC bảng dữ liệu(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PC87591S-VPC
Giải thích chi tiết về linh kiện  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S-VPC bảng dữ liệu(HTML) 97 Page - National Semiconductor (TI)

Back Button PC87591S-VPC Datasheet HTML 93Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 94Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 95Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 96Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 97Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 98Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 99Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 100Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
97
www.national.com
4.2.9
Usage Hints
●
Do not write to ADCAn, ADCBn or BLTCn and do not change the value of TCS, IND, DIR, OT, ADA, INCA, ADB and
INCB fields of DMACNTLn register while the associated channel is active (CHAC bit in DMASTATn register is 1).
When initializing these registers, write to BLTCn register last, since writing to BLTCn register activates the channel
immediately (if CHEN bit in DMACNTLn register is set to 1).
●
The ADRAn, ADRBn and BLTRn registers store transfer parameters (source address, destination address and block
length) for the next data block to be transferred, for either Auto-Initialize or Double-Buffer modes of operation. When
initializing these registers, write the BLTRn register last, since this validates the next block’s parameters (VLD bit in
DMASTATn register is set to 1).
●
The TCS bit in DMACNTLn register is programed according to the bus width of the devices. It determines how many
bytes are transferred in each DMA bus cycle.
●
The DMAC does not support non-aligned transfers. The values written to ADCAn, ADRAn, ADCBn and ADRBn must
be multiples of the Transfer Cycle Size (as defined by TCS bit in DMACNTLn register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com