công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC87591S-VPC bảng dữ liệu(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PC87591S-VPC
Giải thích chi tiết về linh kiện  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S-VPC bảng dữ liệu(HTML) 92 Page - National Semiconductor (TI)

Back Button PC87591S-VPC Datasheet HTML 88Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 89Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 90Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 91Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 92Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 93Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 94Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 95Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
92
Revision 1.07
Auto-Initialize Operation
This mode allows the DMAC to continuously fill the same memory area without software intervention.
Initialization
1. Write the two block addresses and byte count into the ADCAn, ADCBn and BLTCn counters, respectively (the BLTCn
counter should be written last); also write them to the ADRAn, ADRBn and BLTRn registers, respectively (the BLTRn
counter should be written last).
2. Program OT bit in DMACNTLn register for Auto-Initialize mode.
3. Set CHEN bit in DMACNTLn register to 1; the channel activates and responds to DMAC transfer requests.
Continuation
When the BLTCn counter reaches 0:
●
The contents of the ADRAn, ADRBn and BLTRn registers are copied to the ADCAn, ADCBn and BLTCn counters,
respectively. The BLTCn counter should be written last.
●
The DMAC channel checks the value of TC bit.
If TC bit is 1:
●
OVR bit in DMASTATn register is set to 1.
●
A level interrupt is generated (if enabled by EOVR bit in DMACNTLn register).
●
The operation is repeated.
If TC bit is 0:
●
TC bit in DMASTATn register is set to 1.
●
A level interrupt is generated (if enabled by ETC bit in DMACNTLn register).
●
The operation is repeated.
4.2.7
Software DMA Request
In addition to the DMRQn signals, a DMA transfer request can also be initiated by software. The software DMA transfer re-
quest is used for memory-to-memory block copying (in indirect transfers).
When SWRQ bit in DMACNTLn register is 1, the corresponding DMA channel receives a DMA transfer request. When
SWRQ bit is 0, the software DMA transfer request of the corresponding channel is inactive.
For each channel, use the software DMA transfer request, only when the corresponding DMRQn signal is inactive.
4.2.8
DMAC Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
DMAC Register Map
Note:
Register names with the suffix n, where n = 0 to 3, are duplicated for each channel.
Unless stated otherwise, bits 21 to 31 are reserved in each of the following registers. Double-word (32-bit) registers may be
accessed word-by-word (word aligned).
Mnemonic
Register Name
Type
ADCAn
Device A Address Counter Register
R/W
ADRAn
Device A Address Register
R/W
ADCBn
Device B Address Counter Register
R/W
ADRBn
Device B Address Register
R/W
BLTCn
Block Length Counter Register
R/W
BLTRn
Block Length Register
R/W
DMACNTLn
DMA Control Register
R/W
DMASTATn
Status Register
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com