| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC87591S-VPC bảng dữ liệu(PDF) 89 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87591S-VPC bảng dữ liệu(HTML) 89 Page - National Semiconductor (TI) |
|
89 / 437 page ![]() Embedded Controller Modules (Continued) Revision 1.07 89 www.national.com Indirect (Memory-to-Memory) Transfers Figure 28. Indirect Bus Cycle (DIR=0) - External Bus Figure 29. Indirect Bus Cycle (DIR=1) - External Bus In Indirect (Memory-to-Memory) mode, data transfers use two consecutive bus cycles. The data is first read into a temporary register and subsequently written into the destination. This mode is slower than Direct (Fly-By) mode, but it provides support for different source and destination bus widths. Indirect mode also facilitates block transfers between two memory elements. Each element is an addressed device and can be either memory or an I/O device. The appropriate DMA acknowledge signal for each channel is asserted during the Device B bus cycle. If the bus policy is “intermittent”, maximum, throughput is every five clock cycles. If the bus policy is “continuous”, maximum throughput is every two clock cycles on the internal core bus (otherwise, it uses four clock cycles). When DIR bit is 0, the first bus cycle reads data from the source using the ADCAn counter, and the second bus cycle writes the data into the destination using the ADCBn counter. When DIR bit is 1, the first bus cycle reads data from the source using the ADCBn counter, and the second bus cycle writes the data into the destination using the ADCAn counter. The number of bytes transferred in each cycle is taken from TCS bit in DMACNTLn register. After the data item has been transferred, the BLTCn counter is decremented by one. The ADCAn and ADCBn counters are updated according to INCAn, INCBn, ADA and ADB fields in DMACNTLn register. Note: For transfer operations between two memory areas, see “Software DMA Request” on page 92. CLK DMRQi ADDR DMACKi T1 T2 T1 T2 Bus State ADCA ADCB Tidle CLK DMRQi ADDR DMACKi T1 T2 T1 T2 Bus State ADCB ADCA Tidle |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |