công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC87591S-VPC bảng dữ liệu(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PC87591S-VPC
Giải thích chi tiết về linh kiện  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S-VPC bảng dữ liệu(HTML) 43 Page - National Semiconductor (TI)

Back Button PC87591S-VPC Datasheet HTML 39Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 40Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 41Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 42Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 43Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 44Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 45Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 46Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
Revision 1.07
43
www.national.com
2.2.4
Core Bus Interface Unit (BIU)
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
A3-0
95-92
127-124
O
O1/2
VCC Address Bus, bits 0-19. Core external address
bus. Affected or used by any transaction on the
internal core-bus, including DMA transactions
and accesses to the internal memory.
A19-8
N/A
103-104
112-113
120-121
129-130
134-135
142-143
A7-4
99-96
133-131,
128
OO2/12
VCC
D7-4,
D3-0
109-
102
147-144
141-138
I/O
INT/O1/2
VCC Data bus, bits 0-15. Core external data bus.
Used for core access to external memory or I/O
devices. When accessing an 8-bit external
memory or I/O device, only D0-7 should be
used.
D15-14,
D13-12,
D11-10,
D9-8
N/A
149-148
156-155
4-3
28-27
RD
110
150
O
O1/2
VCC Read Control. Core external read strobe. Can
be used as output enable for external memory
of I/O devices.
SEL0
N/A
173
O
O1/2
VCC Zone Select 0. Chip-select signal for external
memory devices mapped to zone 0.
SEL1
N/A
174
O
O1/2
VCC Zone Select 1. Chip-select signal for external
memory devices mapped to zones 1 and 2
(Base Memory). Available in DEV environment
for off-chip emulation of the on-chip flash or
ROM. In IRE and OBD environments, zones 1
and 2 are mapped to the on-chip flash or ROM
and SEL1 output is inactive.
SELIO
112
152
O
O1/2
VCC I/O Zone Select. Chip-select signal for external
I/O devices mapped to this zone. Can be used
for mapping off-chip I/O expansion devices to
the core address space.
WR1
N/A
48
O
O1/2
VCC Write Control 1 and 0. Indicates writes to bytes
1 and 0, respectively, of the BIU data bus.
WR0
111
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com