công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC87591S-VPC bảng dữ liệu(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PC87591S-VPC
Giải thích chi tiết về linh kiện  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S-VPC bảng dữ liệu(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87591S-VPC Datasheet HTML 31Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 32Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 33Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 34Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 35Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 36Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 37Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 38Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 437 page
background image
1.0 Introduction (Continued)
Revision 1.07
35
www.national.com
Either byte-wide or word-wide transactions to any address within the memory address space may be used to access memory
devices.
Only byte-wide transactions may be used to access byte-wide registers, and only word-wide transactions may be used to
access word-wide registers. Attempts to read a write-only register or write to a read-only register cause unpredictable re-
sults.
Zeros must be written to reserved bits unless stated otherwise. Reading reserved bits returns an undefined value. When
modifying a register with reserved bits, the data read from reserved a bit can be written back to it.
Accessing Base Memory
In the PC87591E and PC87591S the Base memory is the main storage for code and data. When Shared BIOS is enabled,
the Base memory may also be used for storing BIOS code and data. Figure 6 on page 35 illustrates how on-chip and off-
chip Base Memory are mapped to the PC87591E and PC87591S address space.
The Base Memory is divided into two zones:
●
Fast Zone - for addresses with Base Memory in the range of 00 0000 to 01 FFFF. The access time to this zone is
controlled by the BIU Zone 1 configuration registers.
●
Slow Zone - for addresses with Base Memory in the range of 02 0000 to 0F FFFF. The access time to this zone is
controlled by the BIU Zone 2 configuration registers.
In the PC87591L, the base memory is used for storing code and data required for basic boot operations. The rest of the code
and data are stored in the Expansion Memory shared by the core firmware and host BIOS. Figure 7 on page 36 illustrates
how on-chip and off-chip Base Memory are mapped to the PC87591L address space.
IRE and OBD Environments - On-Chip Base Memory. In IRE and OBD environments, the on-chip flash (ROM) is used as
Base memory. Note that the size of the available memory may differ among members of PC87591x family (see Tables 1 to
3). The access time to it is controlled by BIU Zones 1 and 2. To allow cycle-by-cycle compatibility with DEV environment,
both zones should be programed in the same way for all environments. Thus to maximize on-chip flash (ROM) performance,
configure BIU Zones 1 and 2, as described in Section 4.1.11 on page 86 and Section 4.16 on page 218, with minimal access
time supported at the frequency in use, as defined in “Flash Read, Write and Erase Time” on page 222.
Off-Chip Base Memory. In DEV environment (when on-chip flash is disabled), the code and constant data are stored in off-
chip Base Memory. In the PC87591E and PC87591S, this off-chip Base Memory has 1016 Kbytes of address space
(00 000016 to 00 DFFF16 and 01 000016 to 0F FFFF16). In the PC87591L, the size of the off-chip Base Memory is 4 Kbytes.
To ensure that the code fits into the on-chip flash in IRE and OBD environments later on, both the code and constant data
should fit within the defined flash size, for the selected member of the PC87591x family.
0
56 K
64 K
Off-Chip Base Memory
On-Chip Base Memory
Figure 6. Base Memory Address Mapping - PC87591E and PC87591S
56 K
128K
Core Address Map
00 0000
02 0000
Zone 2
Access Time
01 FFFF
0F FFFF
Control
Zone 1
Access Time
Control
2 M
1 M
PC87591S
Flash Size
PC87591E
Flash Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com