công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC87591S-VPC bảng dữ liệu(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PC87591S-VPC
Giải thích chi tiết về linh kiện  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S-VPC bảng dữ liệu(HTML) 44 Page - National Semiconductor (TI)

Back Button PC87591S-VPC Datasheet HTML 40Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 41Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 42Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 43Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 44Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 45Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 46Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 47Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
www.national.com
44
Revision 1.07
2.2.5
Development System Support
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
BE1-0
N/A
121,129
O
O1/2
VCC Byte Enable bits 1 and 0 on monitor bus
cycles.
BRKL_RSTO N/A
76
I
INT/O1/2
VCC Break Line and Reset Out. When the Core
bus is active, the pin is used as a BRKL input.
It Indicates to the core that a breakpoint is
needed once the currently fetched instruction
goes into execution.
When the core bus is not active, the signal is
used as a RSTO output. It indicates to the
system that an internal reset to the core and
its peripherals occurred.
BST2-0
N/A
69,
63-62
OO1/2
VCC Bus Status bits 2-0 on monitor bus cycles. In
DEV environment, these pins allow monitoring
of the external bus cycles. When OBR bit in
BCFG register is set, the internal bus cycles
are also visible on the external bus. See also
Table 41 on page 273.
CBRD
N/A
120
O
O1/2
VCC Core Bus Read Status on monitor bus
cycles.
Available in all modes. See Section 4.1.9 on
page 81.
PFS
N/A
70
O
O1/2
VCC Pipe Flow Status.
PLI
N/A
75
O
O1/2
VCC Pipe Long Instruction.
TCK
78
106
I
INTS
VCC JTAG Test Clock.
TDI
80
108
I
INT
VCC JTAG Test Data In.
TDO
79
107
O
O1/2
VCC JTAG Test Data Out.
TINT
77
105
O
OD2
VCC JTAG Test Interrupt.
TMS
81
109
I
INT
VCC JTAG Test Mode Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com