công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC87591S-VPC bảng dữ liệu(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PC87591S-VPC
Giải thích chi tiết về linh kiện  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S-VPC bảng dữ liệu(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87591S-VPC Datasheet HTML 86Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 87Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 88Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 89Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 90Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 91Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 92Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 93Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
90
Revision 1.07
4.2.5
Bus Policy
Intermittent Operation Mode
Figure 30. DMAC Direct Bus Cycles in Intermittent Mode, DMRQ Asserted Constantly.
When BPC bit in DMACNTLn is 0, channel n is in Intermittent mode. In this mode, the DMAC channel relinquishes the bus
after each transaction, regardless of the state of its DMA request input. In this way, the DMAC gives the core (and other
DMA channels) a chance to use the bus, even if a DMA device needs the bus for multiple transfers.
Continuous Operation Mode
Figure 31. DMAC Direct Bus Cycles in Continuous Mode - External Bus
When BPC bit in DMACNTLn register is 1, channel n is in Continuous mode. In this mode, a DMAC channel uses the bus
continuously, as long as its request is active and BLTCn > 0. This allows the channel to utilize the full bandwidth of the bus.
The activity of this channel cannot be interrupted by any other internal bus master, including higher priority DMAC channels.
It is the system designer’s responsibility to limit the duration of the DMA request to prevent bus starvation.
CLK
DMRQi
ADDR
DMACKi
T1
T2
T1
T2
Tidle
Bus State
ADCA
ADCA
Tidle
Core Cycle Address
CLK
DMRQi
ADDR
DMACKi
T1
T2
T2
Tidle
T1
Bus State
ADCA
T1
Core Cycle Address
ADCA
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com