công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 117 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 113Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 114Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 115Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 116Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 117Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 118Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 119Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 120Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
6.15 Management Data Input/Output (MDIO)
The Management Data Input/Output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system.
The Management Data Input/Output (MDIO) module implements the 802.3 serial management interface to
interrogate and control Ethernet PHY(s) using a shared two-wire bus. Host software uses the MDIO
module to configure the auto-negotiation parameters of each PHY attached to the EMAC, retrieve the
negotiation results, and configure required parameters in the EMAC module for correct operation. The
module is designed to allow almost transparent operation of the MDIO interface, with very little
maintenance from the core processor. Only one PHY may be connected at any given time.
For more detailed information on the MDIO peripheral, see the TMS320C6745/C6747 DSP Peripherals
Overview Reference Guide. (SPRUFK9).
6.15.1 MDIO Registers
For a list of supported MDIO registers see Table 6-40 [MDIO Registers].
Table 6-40. MDIO Register Memory Map
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E2 4000
REV
Revision Identification Register
0x01E2 4004
CONTROL
MDIO Control Register
0x01E2 4008
ALIVE
MDIO PHY Alive Status Register
0x01E2 400C
LINK
MDIO PHY Link Status Register
0x01E2 4010
LINKINTRAW
MDIO Link Status Change Interrupt (Unmasked) Register
0x01E2 4014
LINKINTMASKED
MDIO Link Status Change Interrupt (Masked) Register
0x01E2 4018
–
Reserved
0x01E2 4020
USERINTRAW
MDIO User Command Complete Interrupt (Unmasked) Register
0x01E2 4024
USERINTMASKED
MDIO User Command Complete Interrupt (Masked) Register
0x01E2 4028
USERINTMASKSET
MDIO User Command Complete Interrupt Mask Set Register
0x01E2 402C
USERINTMASKCLEAR
MDIO User Command Complete Interrupt Mask Clear Register
0x01E2 4030 - 0x01E2 407C
–
Reserved
0x01E2 4080
USERACCESS0
MDIO User Access Register 0
0x01E2 4084
USERPHYSEL0
MDIO User PHY Select Register 0
0x01E2 4088
USERACCESS1
MDIO User Access Register 1
0x01E2 408C
USERPHYSEL1
MDIO User PHY Select Register 1
0x01E2 4090 - 0x01E2 47FF
–
Reserved
Copyright © 2008–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
117
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com