công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 192 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 192 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 188Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 189Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 190Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 191Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 192Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 193Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 194Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 195Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 227 page
background image
tr
tf
VCRS
90% VOH
10% VOL
USB0_DM
USB0_DP
t
-t
per
jr
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
6.26.1 USB2.0 Electrical Data/Timing
The USB PHY PLL can support input clock of the following frequencies: 12.0 MHz, 13.0 MHz, 19.2 MHz,
20.0 MHz, 24.0 MHz, 26.0 MHz, 38.4 MHz, 40.0 MHz or 48.0 MHz. USB_REFCLKIN jitter tolerance is 50
ppm maximum.
C6747 supports low-speed, full-speed and high-speed.
C6745 supports only low-speed and full-speed.
Table 6-97. Switching Characteristics Over Recommended Operating Conditions for USB2.0 (see
Figure 6-66)
LOW SPEED
FULL SPEED
HIGH SPEED
1.5 Mbps
12 Mbps
480 Mbps
No.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tr(D)
Rise time, USB0_DP and USB0_DM signals(1)
75
300
4
20
0.5
ns
2
tf(D)
Fall time, USB0_DP and USB0_DM signals (1)
75
300
4
20
0.5
ns
3
trfM
Rise/Fall time, matching(2)
80
120
90
111
–
–
%
4
VCRS
Output signal cross-over voltage(1)
1.3
2
1.3
2
–
–
V
5
tjr(source)NT
Source (Host) Driver jitter, next transition
2
2
(3)ns
tjr(FUNC)NT
Function Driver jitter, next transition
25
2
(3)
ns
6
tjr(source)PT
Source (Host) Driver jitter, paired transition(4)
1
1
(3)
ns
tjr(FUNC)PT
Function Driver jitter, paired transition
10
1
(3)
ns
7
tw(EOPT)
Pulse duration, EOP transmitter (5)
1250
1500
160
175
–
–
ns
8
tw(EOPR)
Pulse duration, EOP receiver (5)
670
82
–
ns
9
t(DRATE)
Data Rate
1.5
12
480
Mb/s
10
ZDRV
Driver Output Resistance
–
–
40.5
49.5
40.5
49.5
Ω
11
ZINP
Receiver Input Impedance
100k
100k
-
-
Ω
(1)
Low Speed: CL = 200 pF, Full Speed: CL = 50 pF, High Speed: CL = 50 pF
(2)
tRFM = (tr/tf) x 100. [Excluding the first transaction from the Idle state.]
(3)
For more detailed information, see the Universal Serial Bus Specification Revision 2.0, Chapter 7. Electrical.
(4)
tjr = tpx(1) - tpx(0)
(5)
Must accept as valid EOP
Figure 6-66. USB0 Integrated Transceiver Interface Timing
6.26.2 USB0 Unused Signal Configuration
If USB0 is unused, then the USB0 signals should be configured as shown in Section 3.6.23.
192
Peripheral Information and Electrical Specifications
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com