công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 187 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 187 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 183Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 184Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 185Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 186Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 187Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 188Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 189Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 190Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
Table 6-96. Universal Serial Bus OTG (USB0) Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
OTG DEVICE CONTROL
0x01E0 0460
DEVCTL
Device Control Register
DYNAMIC FIFO CONTROL
0x01E0 0462
TXFIFOSZ
Transmit Endpoint FIFO Size
(Index register set to select Endpoints 1-4 only)
0x01E0 0463
RXFIFOSZ
Receive Endpoint FIFO Size
(Index register set to select Endpoints 1-4 only)
0x01E0 0464
TXFIFOADDR
Transmit Endpoint FIFO Address
(Index register set to select Endpoints 1-4 only)
0x01E0 0466
RXFIFOADDR
Receive Endpoint FIFO Address
(Index register set to select Endpoints 1-4 only)
0x01E0 046C
HWVERS
Hardware Version Register
TARGET ENDPOINT 0 CONTROL REGISTERS, VALID ONLY IN HOST MODE
0x01E0 0480
TXFUNCADDR
Address of the target function that has to be accessed through the
associated Transmit Endpoint.
0x01E0 0482
TXHUBADDR
Address of the hub that has to be accessed through the associated
Transmit Endpoint. This is used only when full speed or low speed
device is connected via a USB2.0 high-speed hub.
0x01E0 0483
TXHUBPORT
Port of the hub that has to be accessed through the associated
Transmit Endpoint. This is used only when full speed or low speed
device is connected via a USB2.0 high-speed hub.
0x01E0 0484
RXFUNCADDR
Address of the target function that has to be accessed through the
associated Receive Endpoint.
0x01E0 0486
RXHUBADDR
Address of the hub that has to be accessed through the associated
Receive Endpoint. This is used only when full speed or low speed
device is connected via a USB2.0 high-speed hub.
0x01E0 0487
RXHUBPORT
Port of the hub that has to be accessed through the associated Receive
Endpoint. This is used only when full speed or low speed device is
connected via a USB2.0 high-speed hub.
TARGET ENDPOINT 1 CONTROL REGISTERS, VALID ONLY IN HOST MODE
0x01E0 0488
TXFUNCADDR
Address of the target function that has to be accessed through the
associated Transmit Endpoint.
0x01E0 048A
TXHUBADDR
Address of the hub that has to be accessed through the associated
Transmit Endpoint. This is used only when full speed or low speed
device is connected via a USB2.0 high-speed hub.
0x01E0 048B
TXHUBPORT
Port of the hub that has to be accessed through the associated
Transmit Endpoint. This is used only when full speed or low speed
device is connected via a USB2.0 high-speed hub.
0x01E0 048C
RXFUNCADDR
Address of the target function that has to be accessed through the
associated Receive Endpoint.
0x01E0 048E
RXHUBADDR
Address of the hub that has to be accessed through the associated
Receive Endpoint. This is used only when full speed or low speed
device is connected via a USB2.0 high-speed hub.
0x01E0 048F
RXHUBPORT
Port of the hub that has to be accessed through the associated Receive
Endpoint. This is used only when full speed or low speed device is
connected via a USB2.0 high-speed hub.
TARGET ENDPOINT 2 CONTROL REGISTERS, VALID ONLY IN HOST MODE
0x01E0 0490
TXFUNCADDR
Address of the target function that has to be accessed through the
associated Transmit Endpoint.
0x01E0 0492
TXHUBADDR
Address of the hub that has to be accessed through the associated
Transmit Endpoint. This is used only when full speed or low speed
device is connected via a USB2.0 high-speed hub.
0x01E0 0493
TXHUBPORT
Port of the hub that has to be accessed through the associated
Transmit Endpoint. This is used only when full speed or low speed
device is connected via a USB2.0 high-speed hub.
0x01E0 0494
RXFUNCADDR
Address of the target function that has to be accessed through the
associated Receive Endpoint.
Copyright © 2008–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
187
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com