công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 151 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 147Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 148Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 149Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 150Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 151Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 152Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 153Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 154Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
6.18 Enhanced Capture (eCAP) Peripheral
The C6745/6747 device contains up to three enhanced capture (eCAP) modules. Figure 6-42 shows a
functional block diagram of a module. See the TMS320C6745/C6747 DSP Peripherals Overview
Reference Guide. (SPRUFK9) for more details.
Uses for ECAP include:
•
Speed measurements of rotating machinery (e.g. toothed sprockets sensed via Hall sensors)
•
Elapsed time measurements between position sensor triggers
•
Period and duty cycle measurements of Pulse train signals
•
Decoding current or voltage amplitude derived from cuty cycle encoded current/voltage sensors
The ECAP module described in this specification includes the following features:
•
32 bit time base
•
4 event time-stamp registers (each 32 bits)
•
Edge polarity selection for up to 4 sequenced time-stamp capture events
•
Interrupt on either of the 4 events
•
Single shot capture of up to 4 event time-stamps
•
Continuous mode capture of time-stamps in a 4 deep circular buffer
•
Absolute time-stamp capture
•
Difference mode time-stamp capture
•
All the above resources are dedicated to a single input pin
The eCAP modules are clocked at the SYSCLK2 rate.
Copyright © 2008–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
151
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com