công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3793RHB bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện PCM3793RHB
Giải thích chi tiết về linh kiện  Low-Power Stereo Audio CODEC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3793RHB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  PCM3793RHB Datasheet HTML 1Page - Texas Instruments PCM3793RHB Datasheet HTML 2Page - Texas Instruments PCM3793RHB Datasheet HTML 3Page - Texas Instruments PCM3793RHB Datasheet HTML 4Page - Texas Instruments PCM3793RHB Datasheet HTML 5Page - Texas Instruments PCM3793RHB Datasheet HTML 6Page - Texas Instruments PCM3793RHB Datasheet HTML 7Page - Texas Instruments PCM3793RHB Datasheet HTML 8Page - Texas Instruments PCM3793RHB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM3793
PCM3794
SLES193C – AUGUST 2006 – REVISED FEBRUARY 2007
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital
Speaker Amplifier
• 2 (I2C) or 3 (SPI) Wire Serial Control
• Analog Front End:
• Programmable Function by Register Control:
–
Stereo Single-Ended Input With Multiplexer
–
Digital Attenuation of DAC: 0 dB to –62 dB
–
Mono Differential Input
–
Power Up/Down Control for Each Module
–
Stereo Programmable Gain Amplifier
–
6-dB to –70-dB Gain for Analog Outputs
–
Microphone Boost Amplifier (20 dB) and
–
30-dB to –12-dB Gain for Analog Inputs
Bias
–
0/20 dB Boost Selectable for Microphone
• Analog BackEnd:
Input
–
Stereo/Mono Line Output With Volume
–
0-dB to –21-dB Gain for Analog Mixing
–
Stereo/Mono Headphone Amplifier With
–
Parameter Settings for ALC
Volume and Capless Mode
–
Three-Band Tone Control and 3D Sound
–
Stereo/Mono Digital Speaker Amplifier
–
High-Pass Filter and Two-Stage Notch
(BTL) With Volume (PCM3793)
Filter
• Analog Performance:
–
Analog Mixing
–
Dynamic Range: 93 dB (DAC)
• Pop-Noise Reduction Circuit
–
Dynamic Range: 90 dB (ADC)
• Short and Thermal Protection Circuit
–
40-mW + 40-mW Headphone Output at
• Package: 5-mm × 5-mm QFN Pacakge
RL = 16 Ω
• Operation Temperature Range: –40°C to 85°C
–
700-mW + 700-mW Speaker Output at
RL = 8 Ω
• Power Supply Voltage
• Portable Audio Player, Cellular Phone
–
1.71 V to 3.6 V for Digital I/O Section
• Video Camcorder, Digital Still Camera
• PMP/DMB
–
1.71 V to 3.6 V for Digital Core Section
–
2.4 V to 3.6 V for Analog Section
–
2.4 V to 3.6 V for Power Amplifier Section
The PCM3793/94 is a low-power stereo CODEC
• Low Power Dissipation:
designed for portable digital audio applications. The
–
7 mW in Playback, 1.8 V/2.4 V, 48 kHz
device integrates stereo digital speaker amplifier,
–
13 mW in Record, 1.8 V/2.4 V, 48 kHz
headphone amplifier, line amplifier, line input, boost
amplifier,
microphone
bias,
programmable
gain
–
30
µW in Power Down
control, analog mixing, sound effects, and automatic
• Sampling Frequency: 5 kHz to 50 kHz
level control (ALC). It is available in a small-footprint,
• Automatic Level Control for Recording
5-mm
× 5-mm QFN package. The PCM3793/94
accepts right-justified, left-justified, I2S, and DSP
• Operation From a Single Clock Input Without
formats, providing easy interfacing to audio DSP,
PLL
decoder, and encoder chips. Sampling rates up to 50
• System Clock:
kHz
are
supported.
The
user-programmable
–
Common-Audio Clock (256 fS/384 fS), 12/24,
functions are accessible through a two- or three-wire
13/26, 13.5/27, 19.2/38.4, 19.68/39.36 MHz
serial control port.
• Headphone Plug Insert Detection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
PCM3793 is Not Recommended for New Designs


Số phần tương tự - PCM3793RHB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
PCM3793RHB BURR-BROWN-PCM3793RHB Datasheet
959Kb / 63P
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793RHBR BURR-BROWN-PCM3793RHBR Datasheet
959Kb / 63P
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793RHBRG4 BURR-BROWN-PCM3793RHBRG4 Datasheet
959Kb / 63P
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793RHBT BURR-BROWN-PCM3793RHBT Datasheet
959Kb / 63P
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
More results

Mô tả tương tự - PCM3793RHB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 91P
LOW-POWER STEREO AUDIO CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
Low Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
Low-Power Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
Low-Power Stereo Audio CODEC
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
Low-Power Stereo Audio CODEC
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
Ultra Low-Power Stereo Audio Codec
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
Low Power Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com