công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3793RHB bảng dữ liệu(PDF) 34 Page - Texas Instruments

tên linh kiện PCM3793RHB
Giải thích chi tiết về linh kiện  Low-Power Stereo Audio CODEC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3793RHB bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button PCM3793RHB Datasheet HTML 30Page - Texas Instruments PCM3793RHB Datasheet HTML 31Page - Texas Instruments PCM3793RHB Datasheet HTML 32Page - Texas Instruments PCM3793RHB Datasheet HTML 33Page - Texas Instruments PCM3793RHB Datasheet HTML 34Page - Texas Instruments PCM3793RHB Datasheet HTML 35Page - Texas Instruments PCM3793RHB Datasheet HTML 36Page - Texas Instruments PCM3793RHB Datasheet HTML 37Page - Texas Instruments PCM3793RHB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
www.ti.com
PCM3793
PCM3794
SLES193C – AUGUST 2006 – REVISED FEBRUARY 2007
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 71
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
SPSE
SPS1
SPS0
DFQ1
DFQ0
IDX[6:0]: 100 0111b (47h): Register 71
SPSE: Enable of Spectrum Spreading
Default value: 0
The class-D speaker amplifier output can cause RF interference due to switching noise. The PCM3793 can
reduce peak noise by the use of spectrum spreading technology when SPSE = 1.
SPSE = 0
Disable (default)
SPSE = 1
Enable
SPS[1:0]: Spectrum Spreading Efficiency
Default value: 00
The efficiency of spectrum spreading technology can be changed to low, medium, or high.
SPS[1:0]
Spectrum Spreading Efficiency
00
Low (default)
01
Medium
10
High
11
Reserved
DFQ[1:0]: Switching Frequency for Speaker Amplifier (Class-D)
Default value: 00
Switching frequency for the class-D speaker amplifier can be selected to avoid interference with other
equipment.
DFQ[1:0]
Class D Amplifier Switching Frequency
00
1.5 MHz (default)
01
2.25 MHz
10
2.65 MHz
11
3 MHz
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 72
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
PMXR
PMXL
IDX[6:0]: 100 1000b (48h) Register 72
PMXR: Power Up/Down for MXR (Mixer R-Channel)
PMXL: Power Up/Down for MXL (Mixer L-Channel)
Default value: 0
These bits are used to control power up and down for the analog mixer.
PMXL, PMXR = 0
Power down (default)
PMXL, PMXR = 1
Power up
34
Submit Documentation Feedback
PCM3793 is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com