công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3793RHB bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện PCM3793RHB
Giải thích chi tiết về linh kiện  Low-Power Stereo Audio CODEC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3793RHB bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button PCM3793RHB Datasheet HTML 25Page - Texas Instruments PCM3793RHB Datasheet HTML 26Page - Texas Instruments PCM3793RHB Datasheet HTML 27Page - Texas Instruments PCM3793RHB Datasheet HTML 28Page - Texas Instruments PCM3793RHB Datasheet HTML 29Page - Texas Instruments PCM3793RHB Datasheet HTML 30Page - Texas Instruments PCM3793RHB Datasheet HTML 31Page - Texas Instruments PCM3793RHB Datasheet HTML 32Page - Texas Instruments PCM3793RHB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
www.ti.com
USER-PROGRAMMABLE MODE CONTROLS
Register Map
PCM3793
PCM3794
SLES193C – AUGUST 2006 – REVISED FEBRUARY 2007
The mode control register map is shown in Table 6. Each register includes an index (or address) indicated by
the IDX[6:0] bits.
Table 6. Mode Control Register Map
IDX[6:0]
REGISTER
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
(B14–B8)
Register 64
40h
Volume for HPA (L-ch)
RSV
HMUL
HLV5
HLV4
HLV3
HLV2
HLV1
HLV0
Register 65
41h
Volume for HPA (R-ch)
RSV
HMUR
HRV5
HRV4
HRV3
HRV2
HRV1
HRV0
Register 66
42h
Volume for SPA (L-ch)
RSV
SMUL
SLV5
SLV4
SLV3
SLV2
SLV1
SLV0
Register 67
43h
Volume for SPA (R-ch)
RSV
SMUR
SRV5
SRV4
SRV3
SRV2
SRV1
SRV0
Register 68
44h
DAC digital attenuation and soft mute (L-ch)
RSV
PMUL
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
Register 69
45h
DAC digital attenuation and soft mute (R-ch)
RSV
PMUR
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Register 70
46h
DAC over sampling, de-emphasis, audio interface
DEM1
DEM0
PFM1
PFM0
RSV
RSV
RSV
OVER
Register 71
47h
SPA (class-D) switching frequency
RSV
RSV
RSV
SPSE
SPS1
SPS0
DFQ1
DFQ0
Register 72
48h
Analog mixer power up/down
RSV
RSV
RSV
RSV
RSV
RSV
PMXR
PMXL
Register 73
49h
DAC, SPA and HPA power up/down
PBIS
PDAR
PDAL
PHPC
PHPR
PHPL
PSPR
PSPL
Register 74
4Ah
Analog output configuration select
RSV
CMS2
CMS1
CMS0
HPS1
HPS0
SPKS
PCOM
Register 75
4Bh
HPA insertion detection, short/thermal protection
HPDP
HPDE
RSV
SDHC
SDHR
SDHL
SDSR
SDSL
Register 76
4Ch
SPA shutdown release
RSV
RSV
RSV
RSV
RSV
RSV
RLSR
RLSL
Register 77
4Dh
Shut down status read back
HPDS
RSV
RSV
STHC
STHR
STHL
STSR
STSL
Register 79
4Fh
Volume for ADC input (L-ch)
RSV
RSV
ALV5
ALV4
ALV3
ALV2
ALV1
ALV0
Register 80
50h
Volume for ADC input (R-ch)
RSV
RSV
ARV5
ARV4
ARV3
ARV2
ARV1
ARV0
Register 81
51h
ADC high-pass filter, soft mute, audio interface
HPF1
HPF0
RMUL
RMUR
RSV
DSMC
RFM1
RFM0
Register 82
52h
ADC, MCB, PG1, 2, 5, 6, D2S power up/down
RSV
RSV
PAIR
PAIL
PADS
PMCB
PADR
PADL
Register 83
53h
Automatic level control for recording
RALC
RSV
RRTC
RATC
RCP1
RCP0
RLV1
RLV0
Register 84
54h
Master mode
RSV
RSV
RSV
RSV
RSV
MSTR
RSV
BIT0
Register 85
55h
System reset, sampling rate control
SRST
RSV
NPR5
NPR4
NPR3
NPR2
NPR1
NPR0
Register 86
56h
BCK configuration, sampling rate control, zero-cross
MBST
MSR2
MSR1
MSR0
ATOD
RSV
RSV
ZCRS
Register 87
57h
Analog input select (MUX1, 2, 3, 4)
AD2S
RSV
AIR1
AIR0
RSV
RSV
AIL1
AIL0
Register 88
58h
Analog mixing switch (SW1, 2, 3, 4, 5, 6)
RSV
MXR2
MXR1
MXR0
RSV
MXL2
MXL1
MXL0
Register 89
59h
Analog to analog path (PG5, 6) gain
RSV
GMR2
GMR1
GMR0
RSV
GML2
GML1
GML0
Register 90
5Ah
VCOM power up/down, ramp up/down time, boost
RSV
RSV
CMT1
CMT0
RSV
RSV
G20R
G20L
Register 92
5Ch
Bass boost gain level
LPAE
RSV
RSV
LGA4
LGA3
LGA2
LGA1
LGA0
Register 93
5Dh
Middle boost gain level
RSV
RSV
RSV
MGA4
MGA3
MGA2
MGA1
MGA0
Register 94
5Eh
Treble boost gain level
RSV
RSV
RSV
HGA4
HGA3
HGA2
HGA1
HGA0
Register 95
5Fh
Sound effect source select, 3D sound
SDAS
3DEN
RSV
3FL0
3DP3
3DP2
3DP1
3DP0
Register 96
60h
2-stage notch filter, digital monaural mixing
NEN2
NEN1
NUP2
NUP1
RSV
RSV
RSV
MXEN
Register 97
61h
1st stage notch filter lower coefficient (a1)
F107
F106
F105
F104
F103
F102
F101
F100
Register 98
62h
1st stage notch filter upper coefficient (a1)
F115
F114
F113
F112
F111
F110
F109
F108
Register 99
63h
1st stage notch filter lower coefficient (a2)
F207
F206
F205
F204
F203
F202
F201
F200
Register 100
64h
1st stage notch filter upper coefficient (a2)
F215
F214
F213
F212
F211
F210
F209
F208
Register 101
65h
2nd stage notch filter lower coefficient (a1)
S107
S106
S105
S104
S103
S102
S101
S100
Register 102
66h
2nd stage notch filter upper coefficient (a1)
S115
S114
S113
S112
S111
S110
S109
S108
Register 103
67h
2nd stage notch filter lower coefficient (a2)
S207
S206
S205
S204
S203
S202
S201
S200
Register 104
68h
2nd stage notch filter upper coefficient (a2)
S215
S214
S213
S212
S211
S210
S209
S208
HPA: Headphone amplifier
SPA: Speaker amplifier
DAC: D/A converter
ADC: A/D converter
MCB: Microphone bias
PGx: Analog input buffer
D2S: Differential to
single-ended amplifier
29
Submit Documentation Feedback
PCM3793 is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com