công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS8900A bảng dữ liệu(PDF) 104 Page - Cirrus Logic

tên linh kiện CS8900A
Giải thích chi tiết về linh kiện  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A bảng dữ liệu(HTML) 104 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 100Page - Cirrus Logic CS8900A Datasheet HTML 101Page - Cirrus Logic CS8900A Datasheet HTML 102Page - Cirrus Logic CS8900A Datasheet HTML 103Page - Cirrus Logic CS8900A Datasheet HTML 104Page - Cirrus Logic CS8900A Datasheet HTML 105Page - Cirrus Logic CS8900A Datasheet HTML 106Page - Cirrus Logic CS8900A Datasheet HTML 107Page - Cirrus Logic CS8900A Datasheet HTML 108Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
104
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
any yet-to-be-transmitted frames queued in the
on-chip memory, are cleared and not transmit-
ted. The host should make TxLength = 0 when
using the Force bit.
Or:
3) There is a transmit under-run, and the Tx-
Underrun bit (Register C, BufEvent, Bit 9) is
set.
Successful transmission is indicated when the
TxOK bit (Register 8, TxEvent, Bit 8) is set.
CS8900A Commits
Buffer Space to
Transmit Frame
Host Reads
ISQ
Host Reads the BusST
Register (Register 18)
Transmit Request
Host Writes
Transmit Frame
to CS8900A
Host Writes Transmit Command
to the TxCMD Register
Host Writes Transmit Frame
Length to the TxLength Register
Rdy4Tx
bit = 1?
Exit Transmit Process
No
Yes
No
Yes
Rdy4
TxNOW
bit = 1?
Host Enters Interrupt Routine
Exit WAIT-for-interrupt
Process other events
that caused interrupt
No
Yes
Is
TxCMD
pending?
Exit: can’t Issue command
Note: Issuing a command
at this point will cause
previous transmit frame
to be lost.
Enter Packet Transmit Process
CS8900A
Transmits Frame
Figure 31. Transmit Operation in Interrupt Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com