công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS8900A bảng dữ liệu(PDF) 99 Page - Cirrus Logic

tên linh kiện CS8900A
Giải thích chi tiết về linh kiện  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A bảng dữ liệu(HTML) 99 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 95Page - Cirrus Logic CS8900A Datasheet HTML 96Page - Cirrus Logic CS8900A Datasheet HTML 97Page - Cirrus Logic CS8900A Datasheet HTML 98Page - Cirrus Logic CS8900A Datasheet HTML 99Page - Cirrus Logic CS8900A Datasheet HTML 100Page - Cirrus Logic CS8900A Datasheet HTML 101Page - Cirrus Logic CS8900A Datasheet HTML 102Page - Cirrus Logic CS8900A Datasheet HTML 103Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 128 page
background image
DS271PP3
99
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
5.7 Transmit Operation
5.7.1 Overview
Packet transmission occurs in two phases. In the
first phase, the host moves the Ethernet frame into
the CS8900A’s buffer memory. The first phase be-
gins with the host issuing a Transmit Command.
This informs the CS8900A that a frame is to be
transmitted and tells the chip when (i.e. after 5,
381, or 1021 bytes have been transferred or after
the full frame has been transferred to the CS8900A)
and how the frame should be sent (i.e. with or with-
out CRC, with or without pad bits, etc.). The host
follows the Transmit Command with the Transmit
Length, indicating how much buffer space is re-
quired. When buffer space is available, the host
writes the Ethernet frame into the CS8900A’s inter-
nal memory, using either Memory or I/O space.
In the second phase of transmission, the CS8900A
converts the frame into an Ethernet packet then
transmits it onto the network. The second phase be-
gins with the CS8900A transmitting the preamble
and Start-of-Frame delimiter as soon as the proper
number of bytes has been transferred into its trans-
mit buffer (5, 381, 1021 bytes or full frame, de-
pending on configuration). The preamble and Start-
of-Frame delimiter are followed by the data trans-
ferred into the on-chip buffer by the host (Destina-
tion Address, Source Address, Length field and
LLC data). If the frame is less than 64 bytes, in-
cluding CRC, the CS8900A adds pad bits if config-
ured to do so. Finally, the CS8900A appends the
proper 32-bit CRC value.
5.7.2 Transmit Configuration
After each reset, the CS8900A must be configured
for transmit operation. This can be done automati-
cally using an attached EEPROM, or by writing
configuration commands to the CS8900A’s internal
registers (see Section 3.4 on page 21). The items
that must be configured include which physical in-
terface to use and which transmit events cause in-
terrupts.
5.7.2.1 Configuring the Physical Interface
Configuring the physical interface consists of de-
termining which Ethernet interface should be ac-
tive (10BASE-T or AUI), and enabling the transmit
logic for serial transmission. Configuring the Phys-
ical Interface is accomplished via the LineCTL reg-
ister (Register 13) and is described in Table 30.
Note that the CS8900A transmits in 10BASE-T
mode when no link pulses are being received only
if bit DisableLT is set in register Test Control (Reg-
ister 19).
5.7.2.2 Selecting which Events Cause Interrupts
The TxCFG register (Register 7) and the BufCFG
register (Register B) are used to determine which
transmit events will cause interrupts to the host pro-
cessor. Tables 31 and 32 describe the interrupt en-
able (iE) bits in these registers.
5.7.3 Changing the Configuration
When the host configures these registers it does not
need to change them for subsequent packet trans-
missions. If the host does choose to change the Tx-
CFG or BufCFG registers, it may do so at any time.
The effects of the change are noticed immediately.
That is, any changes in the Interrupt Enable (iE)
bits may affect the packet currently being transmit-
ted.
Register 13, LineCTL
Bit
Bit Name
Operation
7
SerTxON
When set, transmission enabled.
8
AUIonly
When set, AUI selected (takes
precedence over AutoAUI/10BT).
When clear, 10BASE-T selected.
9
AutoAUI/10BT When set, automatic interface
selection enabled.
BMod
BackoffE
When set, the modified backoff
algorithm is used. When clear,
the standard backoff algorithm is
used.
D2-part
DefDis
When set, two-part deferral is
disabled.
Table 30. Physical Interface Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com