công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44LB bảng dữ liệu(PDF) 115 Page - SPANSION

tên linh kiện MB9AFB44LB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44LB bảng dữ liệu(HTML) 115 Page - SPANSION

Back Button MB9AFB44LB Datasheet HTML 111Page - SPANSION MB9AFB44LB Datasheet HTML 112Page - SPANSION MB9AFB44LB Datasheet HTML 113Page - SPANSION MB9AFB44LB Datasheet HTML 114Page - SPANSION MB9AFB44LB Datasheet HTML 115Page - SPANSION MB9AFB44LB Datasheet HTML 116Page - SPANSION MB9AFB44LB Datasheet HTML 117Page - SPANSION MB9AFB44LB Datasheet HTML 118Page - SPANSION MB9AFB44LB Datasheet HTML 119Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 129 page
background image
D a t a S h e e t
112
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
 Ordering Information
Part number
On-chip
Flash
memory
On-chip
SRAM
Package
Packing
MB9AFB41LBPMC1-G-JNE2
Main: 64 Kbyte
Work: 32 Kbyte
16 Kbyte
Plastic
LQFP 64-pin
(0.5mm pitch),
(FPT-64P-M38)
Tray
MB9AFB42LBPMC1-G-JNE2
Main: 128 Kbyte
Work: 32 Kbyte
16 Kbyte
MB9AFB44LBPMC1-G-JNE2
Main: 256 Kbyte
Work: 32 Kbyte
32 Kbyte
MB9AFB41LBPMC-G-JNE2
Main: 64 Kbyte
Work: 32 Kbyte
16 Kbyte
Plastic
LQFP 64-pin
(0.65mm pitch),
(FPT-64P-M39)
MB9AFB42LBPMC-G-JNE2
Main: 128 Kbyte
Work: 32 Kbyte
16 Kbyte
MB9AFB44LBPMC-G-JNE2
Main: 256 Kbyte
Work: 32 Kbyte
32 Kbyte
MB9AFB41LBQN-G-AVE2
Main: 64 Kbyte
Work: 32 Kbyte
16 Kbyte
Plastic
QFN 64-pin
(0.5mm pitch),
(LCC-64P-M24)
MB9AFB42LBQN-G-AVE2
Main: 128 Kbyte
Work: 32 Kbyte
16 Kbyte
MB9AFB44LBQN-G-AVE2
Main: 256 Kbyte
Work: 32 Kbyte
32 Kbyte
MB9AFB41MBPMC-G-JNE2
Main: 64 Kbyte
Work: 32 Kbyte
16 Kbyte
Plastic
LQFP 80-pin
(0.5mm pitch),
(FPT-80P-M37)
MB9AFB42MBPMC-G-JNE2
Main: 128 Kbyte
Work: 32 Kbyte
16 Kbyte
MB9AFB44MBPMC-G-JNE2
Main: 256 Kbyte
Work: 32 Kbyte
32 Kbyte
MB9AFB41MBPMC1-G-JNE2
Main: 64 Kbyte
Work: 32 Kbyte
16 Kbyte
Plastic
LQFP 80-pin
(0.65mm pitch),
(FPT-80P-M40)
MB9AFB42MBPMC1-G-JNE2
Main: 128 Kbyte
Work: 32 Kbyte
16 Kbyte
MB9AFB44MBPMC1-G-JNE2
Main: 256 Kbyte
Work: 32 Kbyte
32 Kbyte
MB9AFB41MBBGL-GE1
Main: 64 Kbyte
Work: 32 Kbyte
16 Kbyte
Plastic
PFBGA 96-pin
(0.5mm pitch),
(BGA-96P-M07)
MB9AFB42MBBGL-GE1
Main: 128 Kbyte
Work: 32 Kbyte
16 Kbyte
MB9AFB44MBBGL-GE1
Main: 256 Kbyte
Work: 32 Kbyte
32 Kbyte
MB9AFB41NBPMC-G-JNE2
Main: 64 Kbyte
Work: 32 Kbyte
16 Kbyte
Plastic
LQFP 100-pin
(0.5mm pitch),
(FPT-100P-M23)
MB9AFB42NBPMC-G-JNE2
Main: 128 Kbyte
Work: 32 Kbyte
16 Kbyte
MB9AFB44NBPMC-G-JNE2
Main: 256 Kbyte
Work: 32 Kbyte
32 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com