| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9AFB44LB bảng dữ liệu(PDF) 65 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AFB44LB bảng dữ liệu(HTML) 65 Page - SPANSION |
|
65 / 129 page ![]() D a t a S h e e t 62 MB9AB40NB_DS706-00034-4v0-E, June 10, 2015 CONFIDENTIAL Function group Power-on reset or low-voltage detection state INITX input state Device internal reset state Run mode or Sleep mode state Timer mode, RTC mode, or Sleep mode state Deep standby RTC mode or Deep standby Stop mode state Return from Deep standby mode state Power supply unstable Power supply stable Power supply stable Power supply stable Power supply stable Power supply stable - INITX = 0 INITX = 1 INITX = 1 INITX = 1 INITX = 1 INITX = 1 - - - - SPL = 0 SPL = 1 SPL = 0 SPL = 1 - I NMIX selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Maintain previous state WKUP input enabled Hi-Z / WKUP input enabled GPIO selected Resource other than above selected Hi-Z Hi-Z / Input enabled Hi-Z / Input enabled Hi-Z / Internal input fixed at 0 GPIO selected J JTAG selected Hi-Z Pull-up / Input enabled Pull-up / Input enabled Maintain previous state Maintain previous state Maintain previous state Maintain previous state Maintain previous state Maintain previous state GPIO selected Setting disabled Setting disabled Setting disabled Hi-Z / Internal input fixed at 0 GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected K Resource selected Hi-Z Hi-Z / Input enabled Hi-Z / Input enabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected GPIO selected L External interrupt enabled selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Maintain previous state GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected Resource other than above selected Hi-Z Hi-Z / Input enabled Hi-Z / Input enabled Hi-Z / Internal input fixed at 0 GPIO selected M Analog input selected Hi-Z Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Resource other than above selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected GPIO selected |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |