công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44LB bảng dữ liệu(PDF) 4 Page - SPANSION

tên linh kiện MB9AFB44LB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44LB bảng dữ liệu(HTML) 4 Page - SPANSION

  MB9AFB44LB Datasheet HTML 1Page - SPANSION MB9AFB44LB Datasheet HTML 2Page - SPANSION MB9AFB44LB Datasheet HTML 3Page - SPANSION MB9AFB44LB Datasheet HTML 4Page - SPANSION MB9AFB44LB Datasheet HTML 5Page - SPANSION MB9AFB44LB Datasheet HTML 6Page - SPANSION MB9AFB44LB Datasheet HTML 7Page - SPANSION MB9AFB44LB Datasheet HTML 8Page - SPANSION MB9AFB44LB Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 129 page
background image
MB9AB40NB Series
32-bit ARM
® Cortex®-M3 based Microcontroller
MB9AFB41LB/MB/NB, MB9AFB42LB/MB/NB,
MB9AFB44LB/MB/NB
Data Sheet (Full Production)
Publication Number MB9AB40NB_DS706-00034
Revision 4.0
Issue Date June 10, 2015
CONFIDENTIAL
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient
production volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the
valid combinations offered may occur.
 Description
The MB9AB40NB Series are highly integrated 32-bit microcontrollers dedicated for embedded controllers
with low-power consumption mode and competitive cost.
These series are based on the ARM Cortex-M3 Processor with on-chip Flash memory and SRAM, and have
peripheral functions such as various timers, ADCs, LCDC and Communication Interfaces (USB, UART,
CSIO, I
2C).
The products which are described in this data sheet are placed into TYPE6 product categories in FM3
Family Peripheral Manual.
Note: ARM and Cortex are the trademarks of ARM Limited in the EU and other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com