công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44LB bảng dữ liệu(PDF) 10 Page - SPANSION

tên linh kiện MB9AFB44LB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44LB bảng dữ liệu(HTML) 10 Page - SPANSION

Back Button MB9AFB44LB Datasheet HTML 6Page - SPANSION MB9AFB44LB Datasheet HTML 7Page - SPANSION MB9AFB44LB Datasheet HTML 8Page - SPANSION MB9AFB44LB Datasheet HTML 9Page - SPANSION MB9AFB44LB Datasheet HTML 10Page - SPANSION MB9AFB44LB Datasheet HTML 11Page - SPANSION MB9AFB44LB Datasheet HTML 12Page - SPANSION MB9AFB44LB Datasheet HTML 13Page - SPANSION MB9AFB44LB Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
D a t a S h e e t
June 10, 2015, MB9AB40NB_DS706-00034-4v0-E
7
CONFIDENTIAL
 Product Lineup
 Memory size
Product name
MB9AFB41LB/MB/NB
MB9AFB42LB/MB/NB
MB9AFB44LB/MB/NB
On-chip
Flash
memory
Main area
64 Kbytes
128 Kbytes
256 Kbytes
Work area
32 Kbytes
32 Kbytes
32 Kbytes
On-chip
SRAM
SRAM0
8 Kbytes
8 Kbytes
16 Kbytes
SRAM1
8 Kbytes
8 Kbytes
16 Kbytes
Total
16 Kbytes
16 Kbytes
32 Kbytes
 Function
Product name
MB9AFB41LB
MB9AFB42LB
MB9AFB44LB
MB9AFB41MB
MB9AFB42MB
MB9AFB44MB
MB9AFB41NB
MB9AFB42NB
MB9AFB44NB
Pin count
64
80/96
100/112
CPU
Cortex-M3
Freq.
40 MHz
Power supply voltage range
1.65 V to 3.6 V
USB2.0 (Function/Host)
1ch.
DMAC
8ch.
External Bus Interface
-
Addr: 21-bit (Max)
R/W Data: 8-bit (Max)
CS: 4 (Max)
Support: SRAM,
NOR Flash memory
Addr: 25-bit (Max)
R/W Data: 8-/16-bit
(Max)
CS: 8 (Max)
Support: SRAM,
NOR Flash memory
LCD Controller
20 SEG × 8COM
(Max)
33 SEG × 8COM
(Max)
40 SEG × 8COM
(Max)
MF Serial Interface
(UART/CSIO/I
2C)
8ch. (Max)
ch.4 to ch.7: FIFO (16steps × 9-bit)
ch.0 to ch.3: No FIFO
Base Timer
(PWC/Reload timer/PWM/PPG)
8ch. (Max)
Dual Timer
1 unit
HDMI-CEC/ Remote Control
Receiver
2ch. (Max)
Real-Time Clock
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog timer
1ch. (SW) + 1ch. (HW)
External Interrupts
8pins (Max) +
NMI × 1
11pins (Max) +
NMI × 1
16pins (Max) +
NMI × 1
I/O ports
51 pins (Max)
66 pins (Max)
83 pins (Max)
12-bit A/D converter
12ch. (2 units)
17ch. (2 units)
24ch. (2 units)
CSV (Clock Super Visor)
Yes
LVD (Low-Voltage Detector)
2ch.
Built-in
CR
High-speed
4 MHz
Low-speed
100 kHz
Debug Function
SWJ-DP
SWJ-DP/ETM
Unique ID
Yes
Note: All signals of the peripheral function in each product cannot be allocated by limiting the pins of package.
It is necessary to use the port relocate function of the I/O port according to your function use.
See  Electrical Characteristics 5.AC Characteristics (3)Built-in CR Oscillation Characteristics for
accuracy of built-in CR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com