công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44LB bảng dữ liệu(PDF) 79 Page - SPANSION

tên linh kiện MB9AFB44LB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44LB bảng dữ liệu(HTML) 79 Page - SPANSION

Back Button MB9AFB44LB Datasheet HTML 75Page - SPANSION MB9AFB44LB Datasheet HTML 76Page - SPANSION MB9AFB44LB Datasheet HTML 77Page - SPANSION MB9AFB44LB Datasheet HTML 78Page - SPANSION MB9AFB44LB Datasheet HTML 79Page - SPANSION MB9AFB44LB Datasheet HTML 80Page - SPANSION MB9AFB44LB Datasheet HTML 81Page - SPANSION MB9AFB44LB Datasheet HTML 82Page - SPANSION MB9AFB44LB Datasheet HTML 83Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 129 page
background image
D a t a S h e e t
76
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
(4-1) Operating Conditions of Main and USB PLL (In the case of using main clock for input of PLL)
(VCC = 1.65V to 3.6V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization wait time*
1
(LOCK UP time)
tLOCK
100
-
-
μs
PLL input clock frequency
fPLLI
4
-
16
MHz
PLL multiple rate
-
5
-
37
multiple
PLL macro oscillation clock frequency
fPLLO
75
-
150
MHz
Main PLL clock frequency*
2
fCLKPLL
-
-
40
MHz
USB clock frequency*
3
fCLKSPLL
-
-
48
MHz
After the M
frequency division
*1: Time from when the PLL starts operating until the oscillation stabilizes.
*2: For more information about Main PLL clock (CLKPLL), see Chapter 2-1: Clock in FM3 Family
Peripheral Manual.
*3: For more information about USB clock, see Chapter 2-2: USB Clock Generation in FM3 Family
Peripheral Manual Communication Macro Part.
(4-2) Operating Conditions of Main PLL (In the case of using the built-in High-speed CR for the input
clock of the Main PLL)
(VCC = 1.65V to 3.6V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization wait time*
1
(LOCK UP time)
tLOCK
100
-
-
μs
PLL input clock frequency
fPLLI
3.8
4
4.2
MHz
PLL multiple rate
-
19
-
35
multiple
PLL macro oscillation clock frequency
fPLLO
72
-
150
MHz
Main PLL clock frequency*
2
fCLKPLL
-
-
40
MHz
*1: Time from when the PLL starts operating until the oscillation stabilizes.
*2: For more information about Main PLL clock (CLKPLL), see Chapter 2-1: Clock in FM3 Family
Peripheral Manual.
Note: Make sure to input to the Main PLL source clock, the High-speed CR clock (CLKHC) that the
frequency/temperature has been trimmed.
When setting PLL multiple rate, please take the accuracy of the built-in High-speed CR clock into account
and prevent the master clock from exceeding the maximum frequency.
High-speed CR clock (CLKHC)
PLL input
clock
Main
PLL
PLL macro
oscillation clock
M
divider
Main PLL
clock
(CLKPLL)
N
divider
Main PLL connection
Main clock (CLKMO)
K
divider
Main clock (CLKMO)
K
divider
PLL input
clock
USB PLL
M
divider
USB
clock
N
divider
USB PLL connection
PLL macro
oscillation clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com