| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9AFB44LB bảng dữ liệu(PDF) 64 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AFB44LB bảng dữ liệu(HTML) 64 Page - SPANSION |
|
64 / 129 page ![]() D a t a S h e e t June 10, 2015, MB9AB40NB_DS706-00034-4v0-E 61 CONFIDENTIAL Function group Power-on reset or low-voltage detection state INITX input state Device internal reset state Run mode or Sleep mode state Timer mode, RTC mode, or Sleep mode state Deep standby RTC mode or Deep standby Stop mode state Return from Deep standby mode state Power supply unstable Power supply stable Power supply stable Power supply stable Power supply stable Power supply stable - INITX = 0 INITX = 1 INITX = 1 INITX = 1 INITX = 1 INITX = 1 - - - - SPL = 0 SPL = 1 SPL = 0 SPL = 1 - F GPIO selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected Sub crystal oscillator input pin / External sub clock input selected Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled Input enabled G GPIO selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected External sub clock input selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 Maintain previous state Hi-Z/ Internal input fixed at 0 Maintain previous state Sub crystal oscillator output pin Hi-Z / Internal input fixed at 0/ or Input enable Hi-Z / Internal input fixed at 0 Hi-Z / Internal input fixed at 0 Maintain previous state Maintain previous state/When oscillation stops* 2, Hi-Z / Internal input fixed at 0 Maintain previous state/When oscillation stops* 2, Hi-Z / Internal input fixed at 0 Maintain previous state/When oscillation stops* 2, Hi-Z/ Internal input fixed at 0 Maintain previous state/When oscillation stops* 2, Hi-Z/ Internal input fixed at 0 Maintain previous state/When oscillation stops* 2, Hi-Z/ Internal input fixed at 0 H GPIO selected Hi-Z Hi-Z / Input enabled Hi-Z / Input enabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected USB I/O pin Setting disabled Setting disabled Setting disabled Maintain previous state Hi-Z at trans- mission/ Input enabled/ Internal input fixed at 0 at reception Hi-Z at trans- mission/ Input enabled/ Internal input fixed at 0 at reception Hi-Z / Input enabled Hi-Z / Input enabled Hi-Z / Input enabled |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |