công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44LB bảng dữ liệu(PDF) 8 Page - SPANSION

tên linh kiện MB9AFB44LB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44LB bảng dữ liệu(HTML) 8 Page - SPANSION

Back Button MB9AFB44LB Datasheet HTML 4Page - SPANSION MB9AFB44LB Datasheet HTML 5Page - SPANSION MB9AFB44LB Datasheet HTML 6Page - SPANSION MB9AFB44LB Datasheet HTML 7Page - SPANSION MB9AFB44LB Datasheet HTML 8Page - SPANSION MB9AFB44LB Datasheet HTML 9Page - SPANSION MB9AFB44LB Datasheet HTML 10Page - SPANSION MB9AFB44LB Datasheet HTML 11Page - SPANSION MB9AFB44LB Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 129 page
background image
D a t a S h e e t
June 10, 2015, MB9AB40NB_DS706-00034-4v0-E
5
CONFIDENTIAL
 Watchdog Timer (2 channels)
A watchdog timer can generate interrupts or a reset when a time-out value is reached.
This series consists of two different watchdogs, a Hardware watchdog and a Software watchdog.
The Hardware watchdog timer is clocked by the built-in low-speed CR oscillator. Therefore, the Hardware
watchdog is active in any low-power consumption modes except RTC, Stop, Deep Standby RTC, Deep
Standby Stop modes.
 CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator calculates the CRC which has a heavy software processing load, and achieves a
reduction of the integrity check processing load for reception data and storage.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
 CCITT CRC16 Generator Polynomial: 0x1021
 IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
 Clock and Reset
[Clocks]
Selectable from five clock sources (2 external oscillators, 2 built-in CR oscillator, and Main PLL).
 Main Clock:
4 MHz to 48 MHz
 Sub Clock:
32.768 kHz
 Built-in high-speed CR Clock:
4 MHz
 Built-in low-speed CR Clock:
100 kHz
 Main PLL Clock
[Resets]
 Reset requests from INITX pin
 Power on reset
 Software reset
 Watchdog timers reset
 Low-voltage detection reset
 Clock Super Visor reset
 Clock Super Visor (CSV)
Clocks generated by built-in CR oscillators are used to supervise abnormality of the external clocks.
 External clock failure (clock stop) is detected, reset is asserted.
 External frequency anomaly is detected, interrupt or reset is asserted.
 Low-Voltage Consumption Detector (LVD)
This Series includes 2-stage monitoring of voltage on the VCC pins. When the voltage falls below the
voltage that has been set, Low-Voltage Detector generates an interrupt or reset.
 LVD1: error reporting via interrupt
 LVD2: auto-reset operation
 Low-Power Consumption Mode
Six low-power consumption modes supported.
 Sleep
 Timer
 RTC
 Stop
 Deep Standby RTC (selectable between keeping the value of RAM and not)
 Deep Standby Stop (selectable between keeping the value of RAM and not)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com