công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44LB bảng dữ liệu(PDF) 7 Page - SPANSION

tên linh kiện MB9AFB44LB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44LB bảng dữ liệu(HTML) 7 Page - SPANSION

Back Button MB9AFB44LB Datasheet HTML 3Page - SPANSION MB9AFB44LB Datasheet HTML 4Page - SPANSION MB9AFB44LB Datasheet HTML 5Page - SPANSION MB9AFB44LB Datasheet HTML 6Page - SPANSION MB9AFB44LB Datasheet HTML 7Page - SPANSION MB9AFB44LB Datasheet HTML 8Page - SPANSION MB9AFB44LB Datasheet HTML 9Page - SPANSION MB9AFB44LB Datasheet HTML 10Page - SPANSION MB9AFB44LB Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 129 page
background image
D a t a S h e e t
4
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
 Base Timer (Max 8 channels)
Operation mode is selectable from the followings for each channel.
 16-bit PWM timer
 16-bit PPG timer
 16-/32-bit reload timer
 16-/32-bit PWC timer
 General-Purpose I/O Port
This series can use its pins as general-purpose I/O ports when they are not used for external bus or
peripherals. Moreover, the port relocate function is built in. It can set which I/O port the peripheral function
can be allocated to.
 Capable of pull-up control per pin
 Capable of reading pin level directly
 Built-in the port relocate function
 Up to 83 fast general-purpose I/O Ports@100 pin Package
 Some ports are 5 V tolerant.
See Pin Description to confirm the corresponding pins.
 Dual Timer (32/16-bit Down Counter)
The Dual Timer consists of two programmable 32-/16-bit down counters.
Operation mode is selectable from the followings for each channel.
 Free-running
 Periodic (=Reload)
 One-shot
 HDMI-CEC/Remote Control Receiver (Up to 2 channels)
 HDMI-CEC transmitter
 Header block automatic transmission by judging Signal free
 Generating status interrupt by detecting Arbitration lost
 Generating START, EOM, ACK automatically to output CEC transmission by setting 1 byte data
 Generating transmission status interrupt when transmitting 1 block (1 byte data and EOM/ACK)
 HDMI-CEC receiver
 Automatic ACK reply function available
 Line error detection function available
 Remote control receiver
 4 bytes reception buffer
 Repeat code detection function available
 Real-time clock (RTC)
The Real-time clock can count Year/Month/Day/Hour/Minute/Second/A day of the week from 01 to 99.
 The interrupt function with specifying date and time (Year/Month/Day/Hour/Minute/Second/A day of
the week.) is available. This function is also available by specifying only Year, Month, Day, Hour or
Minute.
 Timer interrupt function after set time or each set time.
 Capable of rewriting the time with continuing the time count.
 Leap year automatic count is available.
 Watch Counter
The Watch counter is used for wake up from sleep and timer mode.
Interval timer: up to 64 s (Max) @ Sub Clock : 32.768 kHz
 External Interrupt Controller Unit
 Up to 16 external interrupt input pins
 Include one non-maskable interrupt (NMI) input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com