công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44LB bảng dữ liệu(PDF) 106 Page - SPANSION

tên linh kiện MB9AFB44LB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44LB bảng dữ liệu(HTML) 106 Page - SPANSION

Back Button MB9AFB44LB Datasheet HTML 102Page - SPANSION MB9AFB44LB Datasheet HTML 103Page - SPANSION MB9AFB44LB Datasheet HTML 104Page - SPANSION MB9AFB44LB Datasheet HTML 105Page - SPANSION MB9AFB44LB Datasheet HTML 106Page - SPANSION MB9AFB44LB Datasheet HTML 107Page - SPANSION MB9AFB44LB Datasheet HTML 108Page - SPANSION MB9AFB44LB Datasheet HTML 109Page - SPANSION MB9AFB44LB Datasheet HTML 110Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 129 page
background image
D a t a S h e e t
June 10, 2015, MB9AB40NB_DS706-00034-4v0-E
103
CONFIDENTIAL
*6: USB Full-speed connection is performed via twist pair cable shield with 90Ω ± 15% characteristic
impedance (Differential Mode).
USB standard defines that output impedance of USB driver must be in range from 28 Ω to 44 Ω. So, discrete
series resistor (Rs) addition is defined in order to satisfy the above definition and keep balance.
When using this USB I/O, use it with 25 Ω to 30 Ω (recommendation value 27 Ω) Series resistor Rs.
Rs series resistor 25Ω to 30Ω
Series resistor of 27Ω (recommendation value) must be added.
And, use resistance with an uncertainty of 5% by E24 sequence.
*7: They indicate the rising time (Trise) and falling time (Tfall) of the low-speed differential data signal.
They are defined by the time between 10% and 90% of the output signal voltage.
See Figure
Low-Speed Load (Compliance Load) for conditions of the external load.
Mount it as external resistor.
28Ω to 44Ω Equiv. Imped.
28Ω to 44Ω Equiv. Imped.
Rising time
Falling time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com