công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44LB bảng dữ liệu(PDF) 101 Page - SPANSION

tên linh kiện MB9AFB44LB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44LB bảng dữ liệu(HTML) 101 Page - SPANSION

Back Button MB9AFB44LB Datasheet HTML 97Page - SPANSION MB9AFB44LB Datasheet HTML 98Page - SPANSION MB9AFB44LB Datasheet HTML 99Page - SPANSION MB9AFB44LB Datasheet HTML 100Page - SPANSION MB9AFB44LB Datasheet HTML 101Page - SPANSION MB9AFB44LB Datasheet HTML 102Page - SPANSION MB9AFB44LB Datasheet HTML 103Page - SPANSION MB9AFB44LB Datasheet HTML 104Page - SPANSION MB9AFB44LB Datasheet HTML 105Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 129 page
background image
D a t a S h e e t
98
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
6. 12-bit A/D Converter
Electrical Characteristics for the A/D Converter
(VCC = AVCC = 1.65V to 3.6V, VSS = AVSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Integral Nonlinearity
-
-
-
± 2
± 4.5
LSB
Differential
Nonlinearity
-
-
-
± 2.2
± 2.5
LSB
Zero transition voltage
VZT
ANxx
-
± 6
± 15
mV
Full-scale transition
voltage
VFST
ANxx
-
AVRH ± 6 AVRH ± 15
mV
Conversion time
-
-
2.0*
1
-
-
μs
AVCC ≥ 2.7 V
4.0*
1
-
-
1.8 V< AVCC < 2.7 V
10*
1
-
-
1.65 V< AVCC < 1.8 V
Sampling time*
2
tS
-
0.6
-
10
us
AVCC ≥ 2.7 V
1.2
-
1.8 V< AVCC < 2.7 V
3.0
-
1.65V< AVCC < 1.8V
Compare clock
cycle*
3
tCCK
-
100
-
1000
ns
AVCC ≥ 2.7 V
200
1.8 V< AVCC < 2.7 V
500
1.65 V< AVCC < 1.8 V
State transition time to
operation permission
tSTT
-
-
-
1.0
μs
Power supply current
(analog + digital)
-
AVCC
-
0.27
0.42
mA
A/D 1unit operation
-
0.03
10
μA
When A/D stops
Reference power
supply current
(between AVRH to
AVSS)
-
AVRH
-
0.72
1.29
mA
A/D 1unit operation
AVRH=3.6 V
-
0.02
2.6
μA
When A/D stops
Analog input capacity
CAIN
-
-
-
9.4
pF
Analog input resistor
RAIN
-
-
-
2.2
kΩ
AVCC ≥ 2.7V
5.5
1.8 V< AVCC < 2.7 V
10.5
1.65 V< AVCC < 1.8 V
Interchannel disparity
-
-
-
-
4
LSB
Analog port input
current
-
ANxx
-
-
5
μA
Analog input voltage
-
ANxx
AVSS
-
AVRH
V
Reference voltage
-
AVRH
2.7
-
AVCC
V
AVCC ≥ 2.7 V
AVCC
AVCC < 2.7 V
*1: The conversion time is the value of sampling time (tS) + compare time (tC).
The condition of the minimum conversion time is the following.
AVCC ≥ 2.7 V, HCLK=40 MHz
sampling time: 0.6 μs, compare time: 1.4 μs
1.8 V < AVCC < 2.7 V, HCLK=40 MHz
sampling time: 1.2 μs, compare time: 2.8 μs
1.65 V < AVCC < 1.8 V, HCLK=40 MHz
sampling time: 3 μs, compare time: 7 μs
Ensure that it satisfies the value of the sampling time (tS) and compare clock cycle (tCCK).
For setting of the sampling time and the compare clock cycle, see Chapter 1-1: A/D Converter in FM3
Family Peripheral Manual Analog Macro Port.
The register setting of the A/D Converter are reflected in the operation according to the APB bus clock
timing.
The sampling clock and compare clock is generated from the Base clock (HCLK).
About the APB bus number which the A/D Converter is connected to, see Block Diagram in this data
sheet.
*2: A necessary sampling time changes by external impedance.
Ensure that it set the sampling time to satisfy (Equation 1).
*3: The compare time (tC) is the value of (Equation 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com