| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C7300DNA bảng dữ liệu(PDF) 101 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300DNA bảng dữ liệu(HTML) 101 Page - Pericom Semiconductor Corporation |
|
101 / 107 page ![]() PI7C7300D 3-PORT PCI-TO-PCI BRIDGE Page 101 of 107 Pericom Semiconductor November 2005 - Revision 1.01 For greater detail on the behavior of the TAP controller, test logic in each controller state and the state machine and public instructions, refer to the IEEE 1149.1 Standard Test Access Port and Boundary-Scan Architecture document (available from the IEEE). Table 16-2 JTAG BOUNDARY REGISTER ORDER Order Pin Names Type Order Pin Names Type 0 ENUM# output 60 P_STOP# control 1 ENUM# control 61 P_PERR# bidir 2 HS_EN input 62 P_PERR# control 3 S_CFN# input 63 P_LOCK# input 4 S1_EN input 64 P_SERR# output 5 S2_EN input 65 P_SERR# control 6 SCAN_TM# input 66 P_AD[13] bidir 7 SCAN_EN input 67 P_AD[13] control 8 PLL_TM input 68 P_AD[14] bidir 9 BY_PASS input 69 P_AD[14] control 10 S2_M66EN input 70 P_AD[11] bidir 11 P_RESET# input 71 P_AD[11] control 12 P_GNT# input 72 P_AD[15] bidir 13 P_REQ# output 73 P_AD[15] control 14 P_REQ# control 74 P_AD[12] bidir 15 P_AD[30] bidir 75 P_AD[12] control 16 P_AD[30] control 76 P_AD[8] bidir 17 P_AD[31] bidir 77 P_AD[8] control 18 P_AD[31] control 78 P_CBE[1] bidir 19 P_AD[27] bidir 79 P_CBE[1] control 20 P_AD[27] control 80 P_AD[9] bidir 21 P_AD[26] bidir 81 P_AD[9] control 22 P_AD[26] control 82 P_AD[5] bidir 23 P_AD[28] bidir 83 P_AD[5] control 24 P_AD[28] control 84 P_M66EN input 25 P_AD[29] bidir 85 P_AD[6] bidir 26 P_AD[29] control 86 P_AD[6] control 27 P_CBE[3] bidir 87 P_AD[2] bidir 28 P_CBE[3] control 88 P_AD[2] control 29 P_AD[24] bidir 89 P_PAR bidir 30 P_AD[24] control 90 P_PAR control 31 P_AD[25] bidir 91 P_AD[0] bidir 32 P_AD[25] control 92 P_AD[0] control 33 P_AD[23] bidir 93 P_CBE[0] bidir 34 P_AD[23] control 94 P_CBE[0] control 35 P_AD[22] bidir 95 P_AD[7] bidir 36 P_AD[22] control 96 P_AD[7] control 37 P_IDSEL input 97 P_AD[10] bidir 38 P_AD[21] bidir 98 P_AD[10] control 39 P_AD[21] control 99 P_AD[1] bidir 40 P_AD[20] bidir 100 P_AD[1] control 41 P_AD[20] control 101 P_AD[3] bidir 42 P_AD[19] bidir 102 P_AD[3] control 43 P_AD[19] control 103 P_AD[4] bidir 44 P_AD[18] bidir 104 P_AD[4] control 45 P_AD[18] control 105 S1_AD[0] bidir 46 P_AD[17] bidir 106 S1_AD[0] control 47 P_AD[17] control 107 S1_AD[1] bidir 48 P_AD[16] bidir 108 S1_AD[1] control 49 P_AD[16] control 109 S1_AD[2] bidir 50 P_CBE[2] bidir 110 S1_AD[2] control 51 P_CBE[2] control 111 S1_AD[5] bidir |