| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C7300DNA bảng dữ liệu(PDF) 41 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300DNA bảng dữ liệu(HTML) 41 Page - Pericom Semiconductor Corporation |
|
41 / 107 page ![]() PI7C7300D 3-PORT PCI-TO-PCI BRIDGE Page 41 of 107 Pericom Semiconductor November 2005 - Revision 1.01 (offset 64h). PI7C7300D will report system error. See Section 7.4 for a description of system error conditions. 4.9.4 TARGET TERMINATION INITIATED BY PI7C7300D PI7C7300D can return a target retry, target disconnect, or target abort to an initiator for reasons other than detection of that condition at the target interface. 4.9.4.1 TARGET RETRY PI7C7300D returns a target retry to the initiator when it cannot accept write data or return read data as a result of internal conditions. PI7C7300D returns a target retry to an initiator when any of the following conditions is met: For delayed write transactions: The transaction is being entered into the delayed transaction queue. Transaction has already been entered into delayed transaction queue, but target response has not yet been received. Target response has been received but has not progressed to the head of the return queue. The delayed transaction queue is full, and the transaction cannot be queued. A transaction with the same address and command has been queued. A locked sequence is being propagated across PI7C7300D, and the write transaction is not a locked transaction. The target bus is locked and the write transaction is a locked transaction. Use more than 16 clocks to accept this transaction. For delayed read transactions: The transaction is being entered into the delayed transaction queue. The read request has already been queued, but read data is not yet available. Data has been read from target, but it is not yet at head of the read data queue or a posted write transaction precedes it. The delayed transaction queue is full, and the transaction cannot be queued. A delayed read request with the same address and bus command has already been queued. A locked sequence is being propagated across PI7C7300D, and the read transaction is not a locked transaction. PI7C7300D is currently discarding previously pre-fetched read data. The target bus is locked and the write transaction is a locked transaction. Use more than 16 clocks to accept this transaction. For posted write transactions: The posted write data buffer does not have enough space for address and at least one DWORD of write data. A locked sequence is being propagated across PI7C7300D, and the write transaction is not a locked transaction. |