| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MEC1322 bảng dữ liệu(PDF) 170 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 bảng dữ liệu(HTML) 170 Page - Microchip Technology |
|
170 / 456 page ![]() MEC1322 DS00001719D-page 170 2014 - 2015 Microchip Technology Inc. 13.0 ACPI PM1 BLOCK INTERFACE 13.1 Introduction The MEC1322 supports ACPI as described in this section. These features comply with the ACPI Specification through a combination of hardware and EC software. 13.2 References ACPI Specification, Revision 1.0 13.3 Terminology None 13.4 Interface This block is an IP block designed to be incorporated into a chip. It is designed to be accessed externally via the pin interface and internally via a registered host interface. The following diagram illustrates the various interfaces to the block. FIGURE 13-1: I/O DIAGRAM OF BLOCK ACPI PM1 Block Interface Signal Description Clocks Interrupts Resets Host Interface |