| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MEC1322 bảng dữ liệu(PDF) 84 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 bảng dữ liệu(HTML) 84 Page - Microchip Technology |
|
84 / 456 page ![]() MEC1322 DS00001719D-page 84 2014 - 2015 Microchip Technology Inc. MOV AL, 08H OUT DX,AL; Point to Logical Device 8 ; MOV DX,CONFIG_PORT_BASE_ADDRESS MOV AL,60H OUT DX,AL ; Point to BASE ADDRESS REGISTER MOV DX,CONFIG_PORT_BASE_ADDRESS+1 MOV AL,02H OUT DX,AL ; Update BASE ADDRESS REGISTER ;-----------------------------. ; DISABLE CONFIGURATION STATE ;-----------------------------' MOV DX,CONFIG_PORT_BASE_ADDRESS MOV AX,0AAH; Config Exit Key OUT DX,AL. 5.8.4 SERIAL IRQS The device supports the serial interrupt scheme, which is adopted by several companies, to transmit interrupt informa- tion to the system. The serial interrupt scheme adheres to the Serial IRQ Specification for PCI Systems Version 6.0.. 5.8.4.1 Enabling SERIRQ Function Each Serial IRQ channel defaults to disabled. To enable a Serial IRQ channel the host must program the Serial IRQ Configuration Registers on page 89. 5.8.4.2 TIMING DIAGRAMS for SERIRQ CYCLE LCLK = LCLK pin SERIRQ = Serial IRQ pin Start Frame timing with source sampled a low pulse on IRQ1 FIGURE 5-4: SERIAL INTERRUPTS WAVEFORM “START FRAME” Start Frame pulse can be 4-8 clocks wide. Stop Frame Timing with Host using 17 SERIRQ sampling period H=Host Control SL=Slave Control R=Recovery T=Turn-around S=Sample R TS R TS SERIRQ LCLK Host Controller IRQ1 IRQ1 Drive Source RT None IRQ0 FRAME IRQ1 FRAME SR T IRQ2 FRAME None START START FRAME H SL or H |