| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MEC1322 bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 456 page ![]() MEC1322 DS00001719D-page 22 2014 - 2015 Microchip Technology Inc. TABLE 1-23: MULTIPLEXING TABLE (2 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 9 0 GPIO106 PIO VCC1 VCC1 No Gate 9 1 Reserved Reserved Reserved Reserved 9 2 Reserved Reserved Reserved Reserved 9 Default: 3 KSO09 PIO O-4mA VCC1 VCC1 10 0 GPIO003 PIO VCC1 VCC1 No Gate 10 1 Reserved Reserved Reserved Reserved 10 2 Reserved Reserved Reserved Reserved 10 Default: 3 KSO08 PIO O-4mA VCC1 VCC1 11 VSS PWR PWR PWR 11 11 11 12 0 GPIO002 PIO VCC1 VCC1 No Gate 12 1 Reserved Reserved Reserved Reserved 12 2 Reserved Reserved Reserved Reserved 12 Default: 3 KSO07 PIO O-4mA VCC1 VCC1 13 0 GPIO001 PIO VCC1 VCC1 No Gate 13 1 Reserved Reserved Reserved Reserved 13 2 Reserved Reserved Reserved Reserved 13 Default: 3 KSO06 PIO O-4mA VCC1 VCC1 14 VCC1 PWR PWR PWR 14 14 14 15 CAP PWR PWR PWR Note 3 15 15 15 16 0 GPIO104 PIO VCC1 VCC1 No Gate 16 1 TFDP_CLK PIO VCC1 VCC1 16 2 Reserved Reserved Reserved Reserved 16 Default: 3 KSO05 PIO O-4mA VCC1 VCC1 |