| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MEC1322 bảng dữ liệu(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 bảng dữ liệu(HTML) 38 Page - Microchip Technology |
|
38 / 456 page ![]() MEC1322 DS00001719D-page 38 2014 - 2015 Microchip Technology Inc. TABLE 1-39: MULTIPLEXING TABLE (18 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 137 Default: 0 GPIO201 PIO I (PD) VCC1 ON No Gate 137 1 Reserved Reserved Reserved Reserved 137 2 Reserved Reserved Reserved Reserved 137 3 Reserved Reserved Reserved Reserved 138 VSS PWR PWR PWR 138 138 138 139 Default: 0 GPIO203 PIO I (PD) VCC1 ON No Gate 139 1 Reserved Reserved Reserved Reserved 139 2 Reserved Reserved Reserved Reserved 139 3 Reserved Reserved Reserved Reserved 140 VSS PWR PWR PWR 140 140 140 141 Default: 0 GPIO204 PIO I (PD) VCC1 ON No Gate 141 1 Reserved Reserved Reserved Reserved 141 2 Reserved Reserved Reserved Reserved 141 3 Reserved Reserved Reserved Reserved 142 NC 142 142 142 143 VSS PWR PWR PWR 143 143 143 144 VSS PWR PWR PWR 144 144 144 |