| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MEC1322 bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 23 MEC1322 TABLE 1-24: MULTIPLEXING TABLE (3 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 17 0 GPIO103 PIO VCC1 VCC1 No Gate 17 1 TFDP_DATA PIO VCC1 VCC1 17 2 Reserved Reserved Reserved Reserved 17 Default: 3 KSO04 PIO O-4mA VCC1 VCC1 18 0 GPIO102 PIO VCC1 VCC1 No Gate 18 1 Reserved Reserved Reserved Reserved 18 2 Reserved Reserved Reserved Reserved 18 Default: 3 KSO03 PIO O-4mA VCC1 VCC1 19 0 GPIO101 PIO VCC1 VCC1 No Gate 19 1 Reserved Reserved Reserved Reserved 19 2 Reserved Reserved Reserved Reserved 19 Default: 3 KSO02 PIO O-4mA VCC1 VCC1 20 0 GPIO100 PIO VCC1 VCC1 No Gate 20 1 Reserved Reserved Reserved Reserved 20 2 Reserved Reserved Reserved Reserved 20 Default: 3 KSO01 PIO O-4mA VCC1 VCC1 21 0 GPIO000 PIO VCC1 VCC1 No Gate 21 1 Reserved Reserved Reserved Reserved 21 2 Reserved Reserved Reserved Reserved 21 Default: 3 KSO00 PIO O-4mA VCC1 VCC1 22 0 GPIO043 PIO VCC1 VCC1 No Gate 22 1 Reserved Reserved Reserved Reserved 22 2 Reserved Reserved Reserved Reserved 22 Default: 3 KSI7 PIO I VCC1 VCC1 Low Note 11 23 0 GPIO042 PIO VCC1 VCC1 No Gate 23 1 Reserved Reserved Reserved Reserved 23 2 Reserved Reserved Reserved Reserved 23 Default: 3 KSI6 PIO I VCC1 VCC1 Low Note 11 24 0 GPIO040 PIO VCC1 VCC1 No Gate 24 1 Reserved Reserved Reserved Reserved 24 2 Reserved Reserved Reserved Reserved 24 Default: 3 KSI5 PIO I VCC1 VCC1 Low Note 11 |