công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 134 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 134 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 130Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 131Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 132Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 133Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 134Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 135Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 136Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 137Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 138Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 184 page
background image
134
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Clock asynchronous serial I/O (UART) mode
(c) Function for switching serial data logic (UART2)
When the data logic select bit (bit 6 of address 037D16) is assigned 1, data is inverted in writing to the
transmission buffer register or reading the reception buffer register. Figure 1.19.19 shows the ex-
ample of timing for switching serial data logic.
Figure 1.19.19. Timing for switching serial data logic, and I/O polarity reverse
ST : Start bit
P : Even parity
SP : Stop bit
Transfer clock
“H”
“L”
D0
D1
D2
D3
D4
D5
D6
D7
P
SP
ST
“H”
“L”
SP
ST
D3
D4
D5
D6
D7
P
D0
D1
D2
“H”
“L”
• When LSB first, parity enabled, one stop bit
No logic reverse
No polarity reverse
TxD2
Logic reverse
No polarity reverse
TxD2
Logic reverse
Polarity reverse
TxD2
No logic reverse
Polarity reverse
TxD2
SP
ST
D3
D4
D5
D6
D7
P
D0
D1
D2
“H”
“L”
D0
D1
D2
D3
D4
D5
D6
D7
P
SP
ST
“H”
“L”
(d) TxD, RxD I/O polarity reverse function (UART2)
This function is to reverse TXD pin output and RXD pin input. The level of any data to be input or output
(including the start bit, stop bit(s), and parity bit) is reversed. Set this function to “0” (not to reverse) for
usual use. Figure 1.19.19 shows the example of timing for I/O polarity reverse.
(e) Bus collision detection function (UART2)
This function is to sample the output level of the TXD pin and the input level of the RXD pin at the rising
edge of the transfer clock; if their values are different, then an interrupt request occurs. Figure 1.19.20
shows the example of detection timing of a buss collision (in UART mode).
Figure 1.19.20. Detection timing of a bus collision (in UART mode)
ST : Start bit
SP : Stop bit
ST
ST
SP
SP
Transfer clock
TxD2
RxD2
Bus collision detection
interrupt request signal
“H”
“L”
“H”
“L”
“H”
“L”
“1”
“0”
Bus collision detection
interrupt request bit
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com